Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABB121SN4 Datasheet(PDF) 48 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB121SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB121SN4 Datasheet(HTML) 48 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB121SN4 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
59
0402 size for high speed signal lines.
BLM15BSeries (0402 Size)
BLM Series
Signal Lines Type Chip Ferrite Bead
s Dimensions
s Equivalent Circuit
s Packaging
s Rated Value (p: packaging code)
Continued on the following page.
Refer to pages from p.91 to p.94 for mounting information.
BLM15B
Code
Packaging
Minimum
Quantity
D
180mm Reel Paper Tape
10000
J
330mm Reel Paper Tape
50000
B
Bulk(Bag)
1000
BLM15BD102SN1p
1000ohm
±25%
200mA
0.90ohm max.
-55
°C to +125°C
BLM15BD182SN1p
1800ohm
±25%
100mA
1.40ohm max.
-55
°C to +125°C
Number of Circuits: 1
Part Number
Impedance
(at 100MHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM15BA050SN1p
5ohm
±25%
300mA
0.10ohm max.
-55
°C to +125°C
BLM15BB050SN1p
5ohm
±25%
500mA
0.08ohm max.
-55
°C to +125°C
BLM15BA100SN1p
10ohm
±25%
300mA
0.20ohm max.
-55
°C to +125°C
BLM15BB100SN1p
10ohm
±25%
300mA
0.10ohm max.
-55
°C to +125°C
BLM15BA220SN1p
22ohm
±25%
300mA
0.30ohm max.
-55
°C to +125°C
BLM15BB220SN1p
22ohm
±25%
300mA
0.20ohm max.
-55
°C to +125°C
BLM15BA330SN1p
33ohm
±25%
300mA
0.40ohm max.
-55
°C to +125°C
BLM15BA470SN1p
47ohm
±25%
200mA
0.60ohm max.
-55
°C to +125°C
BLM15BB470SN1p
47ohm
±25%
300mA
0.35ohm max.
-55
°C to +125°C
BLM15BA750SN1p
75ohm
±25%
200mA
0.80ohm max.
-55
°C to +125°C
BLM15BB750SN1p
75ohm
±25%
300mA
0.40ohm max.
-55
°C to +125°C
BLM15BD750SN1p
75ohm
±25%
300mA
0.20ohm max.
-55
°C to +125°C
BLM15BB121SN1p
120ohm
±25%
300mA
0.55ohm max.
-55
°C to +125°C
BLM15BD121SN1p
120ohm
±25%
300mA
0.30ohm max.
-55
°C to +125°C
BLM15BB221SN1p
220ohm
±25%
200mA
0.80ohm max.
-55
°C to +125°C
BLM15BC121SN1p
120ohm
±25%
350mA
0.45ohm max.
-55
°C to +125°C
BLM15BC241SN1p
240ohm
±25%
250mA
0.70ohm max.
-55
°C to +125°C
BLM15BD221SN1p
220ohm
±25%
300mA
0.40ohm max.
-55
°C to +125°C
BLM15BD471SN1p
470ohm
±25%
200mA
0.60ohm max.
-55
°C to +125°C
BLM15BD601SN1p
600ohm
±25%
200mA
0.65ohm max.
-55
°C to +125°C
0.5
±0.05
1.0
±0.05
0.25
±0.1
(in mm)
: Electrode
(Resistance element becomes dominant
at high frequencies.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com