Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABB121SN4 Datasheet(PDF) 85 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB121SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB121SN4 Datasheet(HTML) 85 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB121SN4 Datasheet HTML 80Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 81Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 82Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 83Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 84Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 85Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 86Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 87Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 88Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 85 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
96
BLM15AG100SN1
BLM15AG700SN1
BLM15AG121SN1
BLM15AG221SN1
BLM15AG601SN1
BLM15AG102SN1
BLM15AX100SN1
BLM15AX300SN1
BLM15AX700SN1
BLM15AX121SN1
BLM15AX221SN1
BLM15AX601SN1
BLM15AX102SN1
BLM15BA050SN1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
Ω (Typ.)
70
Ω (Typ.)
120
Ω±25%
220
Ω±25%
600
Ω±25%
1000
Ω±25%
10
Ω (Typ.)
30
Ω±25%
70
Ω±25%
120
Ω±25%
220
Ω±25%
600
Ω±25%
1000
Ω±25%
5
Ω±25%
1000
500
500
300
300
200
1740
1100
780
680
580
420
350
300
0.05
0.15
0.25
0.35
0.60
1.00
0.015
0.06
0.10
0.13
0.18
0.34
0.49
0.10
BLM02AG100SN1
BLM02AG700SN1
BLM02AG121SN1
BLM03AG100SN1
BLM03AG700SN1
BLM03AG800SN1
BLM03AG121SN1
BLM03AG241SN1
BLM03AG601SN1
BLM03AG102SN1
1
2
3
4
5
6
7
8
9
10
10
10
10
10
10
10
10
10
10
10
10
Ω (Typ.)
70
Ω±25%
120
Ω±25%
10
Ω (Typ.)
70
Ω (Typ.)
80
Ω±25%
120
Ω±25%
240
Ω±25%
600
Ω±25%
1000
Ω±25%
500
250
200
500
200
200
200
200
100
100
0.1
0.5
0.8
0.1
0.4
0.4
0.5
0.8
1.5
2.5
BLM03HD331SN1
BLM03HD471SN1
BLM03HD601SN1
BLM03HD102SN1
BLM03PG220SN1
BLM03PG330SN1
36
37
10
10
10
10
10
10
330
Ω±25%
470
Ω±25%
600
Ω±25%
1000
Ω±25%
22
Ω±25%
33
Ω±25%
200
175
150
120
900
750
1.0
1.3
1.7
2.9
0.065
0.090
BLM03AX100SN1
BLM03AX800SN1
BLM03AX121SN1
BLM03AX241SN1
BLM03AX601SN1
BLM03AX102SN1
11
12
13
14
15
16
10
10
10
10
10
10
10
Ω (Typ.)
80
Ω±25%
120
Ω±25%
240
Ω±25%
600
Ω±25%
1000
Ω±25%
1000
500
450
350
250
200
0.05
0.18
0.23
0.38
0.85
1.25
BLM03HG601SN1
BLM03HG102SN1
30
31
32
33
34
35
10
10
600
Ω±25%
1000
Ω±25%
150
125
1.6
2.6
BLM03BB100SN1
BLM03BB220SN1
BLM03BB470SN1
BLM03BB750SN1
BLM03BB121SN1
BLM03BD750SN1
BLM03BD121SN1
BLM03BD241SN1
BLM03BD471SN1
BLM03BD601SN1
BLM03BC330SN1
BLM03BC560SN1
BLM03BC800SN1
17
18
19
20
21
22
23
24
25
26
27
28
29
10
10
10
10
10
10
10
10
10
10
10
10
10
10
Ω±25%
22
Ω±25%
47
Ω±25%
75
Ω±25%
120
Ω±25%
75
Ω±25%
120
Ω±25%
240
Ω±25%
470
Ω±25%
600
Ω±25%
33
Ω±25%
56
Ω±25%
80
Ω±25%
300
200
200
200
100
300
250
200
215
200
150
100
100
0.4
0.5
0.7
1.0
1.5
0.4
0.5
0.8
1.5
1.7
0.85
1.05
1.40
oEKEMBL03G (Chip Ferrite Beads 01005 Size / 0201 Size)
oEKEMBL15N (Chip Ferrite Beads 0402 Size)
Part Number
No.
DC Resistance
(
Ω) max.
Rated Current
(mA)
Impedance typ.
(at 100MHz, 20 degrees C)
Quantity
(pcs.)
Part Number
No.
DC Resistance
(
Ω) max.
Rated Current
(mA)
Impedance typ.
(at 100MHz, 20 degrees C)
Quantity
(pcs.)
Design Kits
Chip Ferrite Bead
BLp
Continued on the following page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com