Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABB121SN4 Datasheet(PDF) 55 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB121SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB121SN4 Datasheet(HTML) 55 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB121SN4 Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
66
s Impedance-Frequency Characteristics
BLM18BB221SN1
BLM18BB331SN1
BLM18BB471SN1
BLM18BA050SN1
BLM18BA100SN1
BLM18BA220SN1
BLM18BA470SN1
BLM18BA121SN1
BLM18BB141SN1
BLM18BA750SN1
BLM18BB750SN1
BLM18BB121SN1
BLM18BB151SN1
BLM Series
Signal Lines Type Chip Ferrite Bead
BLM18B Series (0603 Size)
BLM18B
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
0
250
500
750
1000
1
10
100
1000
3000
Frequency (MHz)
1500
1200
900
600
300
0
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
R
X
Z
0
500
1000
1500
2000
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
0
30
60
90
120
1
10
100
1000
3000
Frequency (MHz)
0
200
150
100
50
R
X
Z
1
10
100
1000
3000
Frequency (MHz)
R
X
Z
0
100
200
300
400
500
1
10
100
1000
3000
Frequency (MHz)
R
Z
X
0
500
1000
1500
1
10
100
1000
3000
Frequency (MHz)
0
10000
7500
5000
2500
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
600
450
300
150
0
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
1500
3000
4500
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
100
200
300
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
500
400
300
100
200
0
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
0
150
300
450
600
750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com