Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABB121SN4 Datasheet(PDF) 36 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB121SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB121SN4 Datasheet(HTML) 36 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB121SN4 Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
47
0201 size for general signal lines.
BLM03AGSeries (0201 Size)
BLM Series
Signal Lines Type Chip Ferrite Bead
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
Continued on the following page.
s Impedance-Frequency Characteristics
BLM03AG100SN1
BLM03AG700SN1
BLM03AG800SN1
Refer to pages from p.91 to p.94 for mounting information.
BLM03AG
Code
Packaging
Minimum
Quantity
D
180mm Reel Paper Tape
15000
J
330mm Reel Paper Tape
50000
B
Bulk(Bag)
1000
Part Number
Impedance
(at 100MHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM03AG100SN1p
10ohm(Typ.)
500mA
0.1ohm max.
-55
°C to +125°C
BLM03AG700SN1p
70ohm(Typ.)
200mA
0.4ohm max.
-55
°C to +125°C
BLM03AG800SN1p
80ohm
±25%
200mA
0.4ohm max.
-55
°C to +125°C
BLM03AG121SN1p
120ohm
±25%
200mA
0.5ohm max.
-55
°C to +125°C
BLM03AG241SN1p
240ohm
±25%
200mA
0.8ohm max.
-55
°C to +125°C
BLM03AG601SN1p
600ohm
±25%
100mA
1.5ohm max.
-55
°C to +125°C
BLM03AG102SN1p
1000ohm
±25%
100mA
2.5ohm max.
-55
°C to +125°C
Number of Circuits: 1
0.6
±0.03
0.3
±0.03
0.15
±0.05
(in mm)
: Electrode
Frequency (MHz)
1
10
100
1000
3000
0
250
500
750
1000
1250
1500
BLM03AG102SN1
BLM03AG601SN1
BLM03AG241SN1
BLM03AG121SN1
BLM03AG800SN1
BLM03AG700SN1
BLM03AG100SN1
1
10
100
1000
3000
Frequency (MHz)
0
5
10
15
20
R
X
Z
1
10
100
1000
3000
Frequency (MHz)
0
20
40
60
80
100
120
R
X
Z
1
10
100
1000
3000
Frequency (MHz)
0
40
80
120
160
Z
R
X
(Resistance element becomes dominant
at high frequencies.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com