Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABB121SN4 Datasheet(PDF) 56 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB121SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB121SN4 Datasheet(HTML) 56 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB121SN4 Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 60Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
67
0805 size for high speed signal lines.
BLM21BSeries (0805 Size)
BLM Series
Signal Lines Type Chip Ferrite Bead
s Dimensions
s Equivalent Circuit
s Packaging
s Rated Value (p: packaging code)
Continued on the following page.
Refer to pages from p.91 to p.94 for mounting information.
BLM21B
Part Number
Impedance
(at 100MHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM21BD152SN1p
1500ohm
±25%
200mA
0.45ohm max.
-55
°C to +125°C
BLM21BD182SN1p
1800ohm
±25%
200mA
0.50ohm max.
-55
°C to +125°C
BLM21BD222TN1p
2200ohm
±25%
200mA
0.60ohm max.
-55
°C to +125°C
BLM21BD222SN1p
2250ohm(Typ.)
200mA
0.60ohm max.
-55
°C to +125°C
BLM21BD272SN1p
2700ohm
±25%
200mA
0.80ohm max.
-55
°C to +125°C
Number of Circuits: 1
BLM21BB050SN1p
5ohm
±25%
500mA
0.07ohm max.
-55
°C to +125°C
BLM21BB600SN1p
60ohm
±25%
200mA
0.20ohm max.
-55
°C to +125°C
BLM21BB750SN1p
75ohm
±25%
200mA
0.25ohm max.
-55
°C to +125°C
BLM21BB121SN1p
120ohm
±25%
200mA
0.25ohm max.
-55
°C to +125°C
BLM21BD121SN1p
120ohm
±25%
200mA
0.25ohm max.
-55
°C to +125°C
BLM21BB151SN1p
150ohm
±25%
200mA
0.25ohm max.
-55
°C to +125°C
BLM21BD151SN1p
150ohm
±25%
200mA
0.25ohm max.
-55
°C to +125°C
BLM21BB201SN1p
200ohm
±25%
200mA
0.35ohm max.
-55
°C to +125°C
BLM21BB221SN1p
220ohm
±25%
200mA
0.35ohm max.
-55
°C to +125°C
BLM21BD221SN1p
220ohm
±25%
200mA
0.25ohm max.
-55
°C to +125°C
BLM21BB331SN1p
330ohm
±25%
200mA
0.40ohm max.
-55
°C to +125°C
BLM21BD331SN1p
330ohm
±25%
200mA
0.30ohm max.
-55
°C to +125°C
BLM21BD421SN1p
420ohm
±25%
200mA
0.30ohm max.
-55
°C to +125°C
BLM21BB471SN1p
470ohm
±25%
200mA
0.45ohm max.
-55
°C to +125°C
BLM21BD471SN1p
470ohm
±25%
200mA
0.35ohm max.
-55
°C to +125°C
BLM21BD601SN1p
600ohm
±25%
200mA
0.35ohm max.
-55
°C to +125°C
BLM21BD751SN1p
750ohm
±25%
200mA
0.40ohm max.
-55
°C to +125°C
BLM21BD102SN1p
1000ohm
±25%
200mA
0.40ohm max.
-55
°C to +125°C
D
180mm Reel Paper Tape
4000
J
330mm Reel Paper Tape
10000
B
Bulk(Bag)
1000
Code
• BLM21BD222SN1/21BD272SN1 only
Packaging
Minimum
Quantity
Code
Packaging
Minimum
Quantity
L
180mm Reel Plastic Tape
3000
K
330mm Reel Plastic Tape
10000
B
Bulk(Bag)
1000
• All except BLM21BD222SN1/21BD272SN1
2.0
±0.2
E
1.25
±0.2
(in mm)
: Electrode
Part Number
T
BLM21B
(exclude items below)
0.85
±0.2
BLM21BD222SN1 1.25
±0.2
BLM21BD272SN1 1.25
±0.2
E
0.5
±0.2
0.5
±0.2
0.3
±0.2
(Resistance element becomes dominant
at high frequencies.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com