Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABB121SN4 Datasheet(PDF) 64 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB121SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB121SN4 Datasheet(HTML) 64 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB121SN4 Datasheet HTML 60Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 61Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 62Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 63Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 64Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 65Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 66Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 67Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 68Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
75
0201 size for GHz band noise.
BLM03HSeries (0201 Size)
BLM Series
Signal Lines Type Chip Ferrite Bead
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
s Impedance-Frequency Characteristics
BLM03HG601SN1
BLM03HG102SN1
BLM03HD331SN1
Refer to pages from p.91 to p.94 for mounting information.
BLM03H
BLM03HG Series
BLM03HD Series
Continued on the following page.
Code
Packaging
Minimum
Quantity
D
180mm Reel Paper Tape
15000
J
330mm Reel Paper Tape
50000
B
Bulk(Bag)
1000
Part Number
Impedance
(at 100MHz/20
°C)
Impedance
(at 1GHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM03HG601SN1p
600ohm
±25%
1000ohm
±40%
150mA
1.6ohm max.
-55
°C to +125°C
BLM03HG102SN1p
1000ohm
±25%
1800ohm
±40%
125mA
2.6ohm max.
-55
°C to +125°C
BLM03HD331SN1p
330ohm
±25%
750ohm
±40%
200mA
1.0ohm max.
-55
°C to +125°C
BLM03HD471SN1p
470ohm
±25%
1000ohm
±40%
175mA
1.3ohm max.
-55
°C to +125°C
BLM03HD601SN1p
600ohm
±25%
1500ohm
±40%
150mA
1.7ohm max.
-55
°C to +125°C
BLM03HD102SN1p
1000ohm
±25%
2300ohm
±40%
120mA
2.9ohm max.
-55
°C to +125°C
Number of Circuits: 1
0.6
±0.03
0.3
±0.03
0.15
±0.05
(in mm)
: Electrode
Frequency (MHz)
1
10
100
1000
3000
2000
1600
1200
800
400
0
BLM03HG102SN1
BLM03HG601SN1
Frequency (MHz)
1
10
100
1000
3000
0
500
1000
1500
2000
2500
BLM03HD102SN1
BLM03HD601SN1
BLM03HD471SN1
BLM03HD331SN1
1
10
100
1000
3000
Frequency (MHz)
0
300
600
900
1200
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
500
1000
1500
2000
Z
X
R
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
0
300
600
900
1200
(Resistance element becomes dominant
at high frequencies.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com