Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABB121SN4 Datasheet(PDF) 17 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB121SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB121SN4 Datasheet(HTML) 17 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB121SN4 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
28
For GHz band noise, also capable to large current.
BLM18ESeries (0603 Size)
BLM Series
Universal Type [Power Lines/Signal Lines] Chip Ferrite Bead
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
s Notice (Rating)
Continued on the following page.
Refer to pages from p.91 to p.94 for mounting information.
BLM18E
Code
Packaging
Minimum
Quantity
D
180mm Reel Paper Tape
4000
J
330mm Reel Paper Tape
10000
B
Bulk(Bag)
1000
Part Number
Impedance
(at 100MHz/20
°C)
Impedance
(at 1GHz/20
°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM18EG101TN1p
100ohm
±25%
140ohm(Typ.)
2000mA
0.045ohm max.
-55
°C to +125°C
BLM18EG121SN1p
120ohm
±25%
145ohm(Typ.)
2000mA
0.04ohm max.
-55
°C to +125°C
BLM18EG221SN1p
220ohm
±25%
260ohm(Typ.)
2000mA
0.05ohm max.
-55
°C to +125°C
BLM18EG221TN1p
220ohm
±25%
300ohm(Typ.)
1000mA
0.15ohm max.
-55
°C to +125°C
BLM18EG331TN1p
330ohm
±25%
450ohm(Typ.)
500mA
0.21ohm max.
-55
°C to +125°C
BLM18EG391TN1p
390ohm
±25%
520ohm(Typ.)
500mA
0.3ohm max.
-55
°C to +125°C
BLM18EG471SN1p
470ohm
±25%
550ohm(Typ.)
500mA
0.21ohm max.
-55
°C to +125°C
BLM18EG601SN1p
600ohm
±25%
700ohm(Typ.)
500mA
0.35ohm max.
-55
°C to +125°C
Number of Circuits: 1
1.6
±0.15
0.8
±0.15
0.4
±0.2
(in mm)
Part Number
T
BLM18EGpppTN1
0.5
±0.15
BLM18EGpppSN1
0.8
±0.15
: Electrode
Frequency (MHz)
1
10
100
1000
3000
1000
800
600
200
400
0
BLM18EG391TN1
BLM18EG101TN1
BLM18EG221TN1
BLM18EG331TN1
BLM18EG_TN Series
Frequency (MHz)
1
10
100
1000
3000
0
1000
800
600
200
400
BLM18EG601SN1
BLM18EG121SN1
BLM18EG471SN1
BLM18EG221SN1
BLM18EG_SN Series
In operating temperature exceeding +85
°C,
derating of current is necessary for
BLM18EG series.
Please apply the derating curve shown in
chart according to the operating
temperature.
Derating
Operating Temperature [
°C]
85
125
0
1
2
3
(Resistance element becomes dominant
at high frequencies.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com