Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABB121SN4 Datasheet(PDF) 24 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB121SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB121SN4 Datasheet(HTML) 24 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB121SN4 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
35
s Impedance-Frequency Characteristics
BLM18PG300SN1
BLM18PG330SN1
BLM18PG600SN1
BLM18PG121SN1
BLM18PG181SN1
BLM18PG221SN1
BLM18PG331SN1
BLM18PG471SN1
BLM Series
Power Lines Type Chip Ferrite Bead
BLM18P Series (0603 Size)
BLM18P
1
10
100
1000
3000
Frequency (MHz)
0
0
10
20
30
40
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
0
10
20
30
40
50
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
0
25
50
75
100
1
10
100
1000
3000
Frequency (MHz)
200
150
100
50
0
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
0
100
200
300
1
10
100
1000
3000
Frequency (MHz)
R
X
0
100
200
300
Z
1
10
100
1000
3000
Frequency (MHz)
X
0
150
300
450
Z
R
1
10
100
1000
3000
Frequency (MHz)
X
0
150
300
450
600
Z
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com