Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABB121SN4 Datasheet(PDF) 78 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB121SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB121SN4 Datasheet(HTML) 78 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB121SN4 Datasheet HTML 74Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 75Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 76Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 77Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 78Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 79Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 80Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 81Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 82Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
89
s Impedance-Frequency Characteristics
BLA31AG300SN4
BLA31AG600SN4
BLA31AG121SN4
BLA31AG221SN4
BLA31AG601SN4
BLA31AG102SN4
BLA31BD121SN4
BLA31BD221SN4
BLA31BD471SN4
BLA31BD601SN4
BLA31BD102SN4
BLA Series
Signal Lines Type Chip Ferrite Bead
BLA31A/BLA31B Series (1206 Size)
BLA31A/BLA31B
1
10
100
1000
3000
Frequency (MHz)
30
20
10
0
Z
R
X
40
1
10
100
1000
3000
Frequency (MHz)
60
40
20
0
Z
R
X
80
1
10
100
1000
3000
Frequency (MHz)
150
100
50
0
Z
R
X
200
1
10
100
1000
3000
Frequency (MHz)
225
150
75
0
Z
R
X
300
1
10
100
1000
3000
Frequency (MHz)
600
400
200
0
Z
R
X
800
1
10
100
1000
3000
Frequency (MHz)
900
600
300
0
Z
R
X
1200
1
10
100
1000
3000
Frequency (MHz)
225
150
75
0
Z
R
X
300
1
10
100
1000
3000
Frequency (MHz)
375
250
125
0
Z
R
X
500
1
10
100
1000
3000
Frequency (MHz)
600
400
200
0
Z
R
X
800
1
10
100
1000
3000
Frequency (MHz)
750
500
250
0
Z
R
X
1000
1
10
100
1000
3000
Frequency (MHz)
1500
1000
500
0
Z
R
X
2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com