Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABB121SN4 Datasheet(PDF) 69 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB121SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB121SN4 Datasheet(HTML) 69 Page - Murata Manufacturing Co., Ltd.

Back Button BLA2ABB121SN4 Datasheet HTML 65Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 66Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 67Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 68Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 71Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 72Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 73Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
80
s Impedance-Frequency Characteristics
Continued on the following page.
s Impedance-Frequency Characteristics (Main Items)
s Notice (Rating)
BLM18HK Series (For Digital Interface Lines)
BLM18HG471SN1
BLM18HG601SN1
BLM18HG102SN1
BLM18HB Series (For High Speed Signal Lines)
BLM18HD Series (For High Speed Signal Lines)
BLM18HE601SN1
BLM18HE102SN1
BLM18HE152SN1
BLM Series
Signal Lines Type Chip Ferrite Bead
BLM18H Series (0603 Size)
BLM18H
Frequency (MHz)
1
10
100
1000
3000
0
3000
2000
2500
1500
500
1000
BLM18HD601SN1
BLM18HD471SN1
BLM18HD102SN1
Frequency (MHz)
1
10
100
1000
3000
0
1500
1200
900
600
300
BLM18HK471SN1
BLM18HK331SN1
BLM18HK601SN1
BLM18HK102SN1
1
10
100
1000
3000
Frequency (MHz)
0
1000
750
500
250
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
1200
900
600
300
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
2000
1500
1000
500
Z
R
X
In operating temperature exceeding +85
°C,
derating of current is necessary for
BLM18HE series.
Please apply the derating curve shown in
chart according to the operating
temperature.
Derating
Operating Temperature [
°C]
125
85
400
BLM18HE152SN1
BLM18HE102SN1
BLM18HE601SN1
500
600
800
Frequency (MHz)
1
10
100
1000
3000
2000
1500
1000
500
0
BLM18HB331SN1
BLM18HB121SN1
BLM18HB221SN1
1
10
100
1000
3000
Frequency (MHz)
0
200
400
600
800
1000
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
500
1000
1500
2000
Z
R
X
1
10
100
1000
3000
Frequency (MHz)
0
500
1000
1500
2000
2500
Z
R
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com