Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLA2ABB121SN4 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # BLA2ABB121SN4
Description  EMI Suppression Filters
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLA2ABB121SN4 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  BLA2ABB121SN4 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BLA2ABB121SN4 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
15
0
300
600
900
1200
1
10
100
1000
Frequency (MHz)
BLM18BD601SN1
BLM18AG601SN1
0
300
600
900
1200
1
10
100
1000
Frequency (MHz)
BLM18AG601SN1
BLM18BD601SN1
29.7cm
25MHz
OSC
74HC04
74HC04
74HC00
•Difference between BLM A type and B type (HG type vs HD/HB type)
A type: Impedance curve rises from low frequency range. Suppress noise in wide frequency range.
B type: Impedance curve rises sharply. Less damage to signal waveforms.
cComparison of Impedance Curve
cComparison of Resistance Element
cComparison of Test Effect (25MHz)
Test Circuit
Waveform test point
1cm
Ferrite Bead
Pattern width 0.15cm
Line impedance 127
Ω
Both side glass epoxy PCB(
ε4.7)
All of back side is GND PCB thickness=0.6mm
BLM_B Series has less damage to high speed signal waveform.
Spectrum has been reduced from low
frequency range.
Noise frequency has been reduced without
reducing signals of low frequency.
Waveform
Spectrum
No filter
BLM18AG601SN1
BLM18BD601SN1 Small Distortion
BLp Series Introduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com