Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXEPBLCKA Datasheet(PDF) 12 Page - Murata Manufacturing Co., Ltd.

Part # EXEPBLCKA
Description  DESIGN ENGINEERING KITS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

EXEPBLCKA Datasheet(HTML) 12 Page - Murata Manufacturing Co., Ltd.

Back Button EXEPBLCKA Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
12
Note: Design Kit Contents are subject to change without notice.
G-06-G
DESIGN ENGINEERING KITS
GENERAL CERAMIC CHIP CAPACITORS
0402 – 1206 (25 to 50 VDC)
No.
Description
Murata Global P/N
Qty.
48
0603/U2J/10000pF/50V
GRM1887U1H103JA01
20
49
0805/U2J/12000pF/50V
GRM2167U1H123JA01
20
50
0805/U2J/15000pF/50V
GRM2167U1H153JA01
20
51
0805/U2J/18000pF/50V
GRM2167U1H183JA01
20
52
0805/U2J/22000pF/50V
GRM2197U1H223JA01
20
53
0805/U2J/27000pF/50V
GRM2197U1H273JA01
20
54
0805/U2J/33000pF/50V
GRM21A7U1H333JA39
20
55
0805/U2J/39000pF/50V
GRM21B7U1H393JA01
20
56
0805/U2J/47000pF/50V
GRM21B7U1H473JA01
20
57
1206/U2J/56000pF/50V
GRM3197U1H563JA01
20
58
1206/U2J/68000pF/50V
GRM31M7U1H683JA01
20
59
1206/U2J/82000pF/50V
GRM31M7U1H823JA01
20
60
1206/U2J/0.1uF/50V
GRM31M7U1H104JA01
20
GRM– – – KIT-TC– – – – – E continued
I
Low distortion and low shock noise make these capacitors well
suited for replacing film chip capacitors.
I
No Polarity
I
GRM series is offered with a Ni barrier termination plated with
Matte Tin (Sn), and is RoHS compliant.
I
Stringent dimensional tolerances allow highly reliable,
high-speed automatic chip placement on PCBs.
I
Temperature characteristics: C0G, and U2J
No.
Description
Murata Global P/N
Qty.
1
0402/C0G/120pF/50V
GRM1555C1H121JA01
20
2
0402/C0G/150pF/50V
GRM1555C1H151JA01
20
3
0402/C0G/180pF/50V
GRM1555C1H181JA01
20
4
0402/C0G/220pF/50V
GRM1555C1H221JA01
20
5
0402/C0G/270pF/50V
GRM1555C1H271JA01
20
6
0402/C0G/330pF/50V
GRM1555C1H331JA01
20
7
0402/C0G/390pF/50V
GRM1555C1H391JA01
20
8
0402/C0G/470pF/50V
GRM1555C1H471JA01
20
9
0402/C0G/560pF/50V
GRM1555C1H561JA01
20
10
0402/C0G/680pF/50V
GRM1555C1H681JA01
20
11
0402/C0G/820pF/50V
GRM1555C1H821JA01
20
12
0402/C0G/1000pF/50V
GRM1555C1H102JA01
20
13
0603/C0G/1200pF/50V
GRM1885C1H122JA01
20
14
0603/C0G/1500pF/50V
GRM1885C1H152JA01
20
15
0603/C0G/1800pF/50V
GRM1885C1H182JA01
20
16
0603/C0G/2200pF/50V
GRM1885C1H222JA01
20
17
0603/C0G/2700pF/50V
GRM1885C1H272JA01
20
18
0603/C0G/3300pF/50V
GRM1885C1H332JA01
20
19
0603/C0G/3900pF/50V
GRM1885C1H392JA01
20
20
0805/C0G/4700pF/50V
GRM2165C1H472JA01
20
21
0805/C0G/5600pF/50V
GRM2195C1H562JA01
20
22
0805/C0G/6800pF/50V
GRM2195C1H682JA01
20
23
0805/C0G/8200pF/50V
GRM2195C1H822JA01
20
24
0805/C0G/10000pF/50V
GRM2195C1H103JA01
20
25
0805/C0G/12000pF/50V
GRM2195C1H123JA01
20
26
0805/C0G/15000pF/50V
GRM2195C1H153JA01
20
27
0805/C0G/18000pF/50V
GRM21B5C1H183JA01
20
28
0805/C0G/22000pF/50V
GRM21B5C1H223JA01
20
29
1206/C0G/27000pF/50V
GRM3195C1H273JA01
20
30
1206/C0G/33000pF/50V
GRM3195C1H333JA01
20
31
1206/C0G/39000pF/50V
GRM31M5C1H393JA01
20
32
1206/C0G/47000pF/50V
GRM31C5C1H473JA01
20
33
1206/C0G/68000pF/50V
GRM31C5C1H683JA01
20
34
1206/C0G/82000pF/50V
GRM31C5C1H823JA01
20
35
1206/C0G/0.1uF/50V
GRM31C5C1H104JA01
20
36
0603/U2J/1000pF/50V
GRM1887U1H102JA01
20
37
0603/U2J/1200pF/50V
GRM1887U1H122JA01
20
38
0603/U2J/1500pF/50V
GRM1887U1H152JA01
20
39
0603/U2J/1800pF/50V
GRM1887U1H182JA01
20
40
0603/U2J/2200pF/50V
GRM1887U1H222JA01
20
41
0603/U2J/2700pF/50V
GRM1887U1H272JA01
20
42
0603/U2J/3300pF/50V
GRM1887U1H332JA01
20
43
0603/U2J/3900pF/50V
GRM1887U1H392JA01
20
44
0603/U2J/4700pF/50V
GRM1887U1H472JA01
20
45
0603/U2J/5600pF/50V
GRM1887U1H562JA01
20
46
0603/U2J/6800pF/50V
GRM1887U1H682JA01
20
47
0603/U2J/8200pF/50V
GRM1887U1H822JA01
20
GRM– – – KIT-TC– – – – – E
NOTE: For Ceramic Chip Capacitors, dashes are part of
the part number and must be included when placing
an order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com