Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXEPBLCKA Datasheet(PDF) 15 Page - Murata Manufacturing Co., Ltd.

Part # EXEPBLCKA
Description  DESIGN ENGINEERING KITS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

EXEPBLCKA Datasheet(HTML) 15 Page - Murata Manufacturing Co., Ltd.

Back Button EXEPBLCKA Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
G-06-G
Note: Design Kit Contents are subject to change without notice.
15
DESIGN ENGINEERING KITS
CERAMIC CHIP CAPACITORS
ASCAP Hi-Frequency
I
Miniature sizes & stable C0G temperature coefficient
I
Very high Q at high frequencies
I
0603, 0805 and 1210 sizes
I
Low Power Consumption for Mobile Telecommunication
I
Base Station, Terminal applications, Wireless equipment and
High frequency radio
I
Miniature sizes & stable C0G temperature coefficient
I
Very high Q at high frequencies
I
0603, 0805 and 1210 sizes
I
Low Power Consumption for Mobile Telecommunication
I
Base Station, Terminal applications, Wireless equipment and
High frequency radio
No.
Description
Murata Global P/N
Qty.
1
0603/COG/1.0pF/250V
ERB1885C2E1R0BDX1
10
2
0603/COG/1.1pF/250V
ERB1885C2E1R1BDX1
10
3
0603/COG/1.2pF/250V
ERB1885C2E1R2BDX1
10
4
0603/COG/1.3pF/250V
ERB1885C2E1R3BDX1
10
5
0603/COG/1.5pF/250V
ERB1885C2E1R5BDX1
10
6
0603/COG/1.6pF/250V
ERB1885C2E1R6BDX1
10
7
0603/COG/1.8pF/250V
ERB1885C2E1R8BDX1
10
8
0603/COG/2.0pF/250V
ERB1885C2E2R0BDX1
10
9
0603/COG/2.4pF/250V
ERB1885C2E2R4BDX1
10
10
0603/COG/2.7pF/250V
ERB1885C2E2R7BDX1
10
11
0603/COG/3.0pF/250V
ERB1885C2E3R0CDX1
10
12
0603/COG/3.3pF/250V
ERB1885C2E3R3CDX1
10
13
0603/COG/3.6pF/250V
ERB1885C2E3R6CDX1
10
14
0603/COG/3.9pF/250V
ERB1885C2E3R9CDX1
10
15
0603/COG/4.3pF/250V
ERB1885C2E4R3CDX1
10
16
0603/COG/4.7pF/250V
ERB1885C2E4R7CDX1
10
17
0603/COG/5.1pF/250V
ERB1885C2E5R1CDX1
10
18
0603/COG/5.6pF/250V
ERB1885C2E5R6CDX1
10
19
0603/COG/6.2pF/250V
ERB1885C2E6R2CDX1
10
20
0603/COG/6.8pF/250V
ERB1885C2E6R8CDX1
10
21
0603/COG/7.5pF/250V
ERB1885C2E7R5CDX5
10
22
0603/COG/8.2pF/250V
ERB1885C2E8R2CDX5
10
23
0603/COG/9.1pF/250V
ERB1885C2E9R1CDX5
10
24
0603/COG/10pF/250V
ERB1885C2E100JDX5
10
25
0603/COG/12pF/250V
ERB1885C2E120JDX5
10
26
0603/COG/15pF/250V
ERB1885C2E150JDX5
10
27
0603/COG/18pF/250V
ERB1885C2E180JDX5
10
28
0603/COG/22pF/250V
ERB1885C2E220JDX5
10
29
0603/COG/27pF/250V
ERB1885C2E270JDX5
10
30
0603/COG/33pF/250V
ERB 1885C2E330JDX5
10
31
0603/COG/39pF/250V
ERB1885C2E390JDX5
10
32
0603/COG/47pF/250V
ERB1885C2E470JDX5
10
33
0603/COG/56pF/250V
ERB1885C2E560JDX5
10
34
0603/COG/68pF/250V
ERB1885C2E680JDX5
10
35
0603/COG/82pF/250V
ERB1885C2E820JDX5
10
36
0603/COG/100pF/250V
ERB1885C2E101JDX5
10
ERB18-HIQ0603KIT-E 0603 - (250 VDC)
No.
Description
Murata Global P/N
Qty.
1
0805/COG/1.2pF/250V
ERB21 B5C2E1R2CDX1
10
2
0805/COG/1.5pF/250V
ERB21 B5C2E1R5CDX1
10
3
0805/COG/1.8pF/250V
ERB21 B5C2E1R8CDX1
10
4
0805/COG/2.2pF/250V
ERB21B5C2E2R2CDX1
10
5
0805/COG/2.7pF/250V
ERB21B5C2E2R7CDX1
10
6
0805/COG/3.3pF/250V
ERB21B5C2E3R3CDX1
10
7
0805/COG/3.9pF/250V
ERB21B5C2E3R9CDX1
10
8
0805/COG/4.7pF/250V
ERB21B5C2E4R7CDX1
10
9
0805/COG/5.6pF/250V
ERB21B5C2E5R6DDX1
10
10
0805/COG/6.8pF/250V
ERB21B5C2E6R8DDX1
10
11
0805/COG/8.2pF/250V
ERB21B5C2E8R2DDX1
10
12
0805/COG/10pF/250V
ERB21B5C2E100JDX1
10
13
0805/COG/12pF/250V
ERB21B5C2E120JDX1
10
14
0805/COG/15pF/250V
ERB21B5C2E150JDX1
10
15
0805/COG/18pF/250V
ERB21B5C2E180JDX1
10
16
0805/COG/22pF/250V
ERB21B5C2E220JDX1
10
17
0805/COG/27pF/250V
ERB21B5C2E270JDX1
10
18
0805/COG/33pF/250V
ERB21B5C2E330JDX1
10
19
0805/COG/39pF/250V
ERB21B5C2E390JDX1
10
20
0805/COG/47pF/250V
ERB21B5C2E470JDX1
10
21
0805/COG/56pF/250V
ERB21B5C2E560JDX1
10
22
0805/COG/68pF/250V
ERB21B5C2E680JDX1
10
23
0805/COG/82pF/250V
ERB21B5C2E820JDX1
10
24
0805/COG/100pF/250V
ERB21B5C2E101JDX1
10
ERB21-HIQ0805KIT-E 0805 - (250VDC)
No.
Description
Murata Global P/N
Qty.
1
1210/C0G/3.3pF/500V
ERB32Q5C2H3R3CDX1
10
2
1210/C0G/3.9pF/500V
ERB32Q5C2H3R9CDX1
10
3
1210/C0G/4.7pF/500V
ERB32Q5C2H4R7CDX1
10
4
1210/C0G/5.6pF/500V
ERB32Q5C2H5R6DDX1
10
5
1210/C0G/6.8pF/500V
ERB32Q5C2H6R8DDX1
10
6
1210/C0G/8.2pF/500V
ERB32Q5C2H8R2DDX1
10
7
1210/C0G/10pF/500V
ERB32Q5C2H100JDX1
10
8
1210/C0G/12pF/500V
ERB32Q5C2H120JDX1
10
9
1210/C0G/15pF/500V
ERB32Q5C2H150JDX1
10
10
1210/C0G/18pF/500V
ERB32Q5C2H180JDX1
10
11
1210/C0G/22pF/500V
ERB32Q5C2H220JDX1
10
12
1210/C0G/27pF/500V
ERB32Q5C2H270JDX1
10
13
1210/C0G/33pF/500V
ERB32Q5C2H330JDX1
10
14
1210/C0G/39pF/500V
ERB32Q5C2H390JDX1
10
15
1210/C0G/47pF/500V
ERB32Q5C2H470JDX1
10
16
1210/C0G/56pF/500V
ERB32Q5C2H560JDX1
10
17
1210/C0G/68pF/500V
ERB32Q5C2H680JDX1
10
18
1210/C0G/82pF/500V
ERB32Q5C2H820JDX1
10
19
1210/C0G/100pF/500V
ERB32Q5C2H101JDX1
10
ERB32-HIQ1210KIT-E 1210 - (500VDC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com