Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXEPBLCKA Datasheet(PDF) 25 Page - Murata Manufacturing Co., Ltd.

Part # EXEPBLCKA
Description  DESIGN ENGINEERING KITS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

EXEPBLCKA Datasheet(HTML) 25 Page - Murata Manufacturing Co., Ltd.

Back Button EXEPBLCKA Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
G-06-G
Note: Design Kit Contents are subject to change without notice.
25
DESIGN ENGINEERING KITS
CERAMIC CHIP SAFETY CAPACITORS
(250 VAC)
GD Series SMD
For availability check with your Murata Sales Contact. Part numbers in kits depend on application.
I
A new monolithic structure for small, high capacitance capable of operating at high voltage levels.
I
The type GD can be used as a Y3-class capacitor.
I
Available for equipment based on IEC/EN60950 and UL1950.
I
+125 degree C guaranteed
I
Only for reflow soldering
I
The low-profile type (thickness: 1.5mm max.) is available. Fit for use on thinner type equipment.
I
Working Voltage: 250 VAC
GF Series SMD
For availability check with your Murata Sales Contact. Part numbers in kits depend on application.
I
A new monolithic structure for small, high capacitance capable of operating at high voltage levels.
I
The type GF can be used as a Y2-class capacitor.
I
Available for equipment based on IEC/EN60950 and UL1950. The GA352/355 types are available for equipment based on IEC/EN60065,
UL1492, and UL6500.
I
+125 degree C guaranteed
I
Only for reflow soldering
I
The low-profile type (thickness: 1.5mm max.) is available. Fit for use on thinner type equipment.
I
Working Voltage: 250 VAC
KX Series Leaded Safety Kit
For availability check with your Murata Sales Contact. Part numbers in kits depend on application.
I
Operating temperature range guaranteed up to 125 degrees (UL: 85 deg.)
I
Dielectric strength: AC4000V
I
Class X1/Y1 capacitors which are recognized by UL/CSA/BSI/SEMKO/SEV/VDE/FIMKO/NEMKO/DEMKO/IMQ.
I
Possible to use with a component in appliance requiring reinforced insulation and double insulation based on UL1492, IEC60065 and
IEC60950.
I
Coated with flame-retardant epoxy resin (conforming to UL94V-0 standard).
I
Cost-saving automatic insertion available.
I
Available product for RoHS Restriction (EU Directive 2002/95/EC)
I
Working Voltage: 250 VAC
KY Series Leaded Safety Kit
For availability check with your Murata Sales Contact. Part numbers in kits depend on application.
I
Operating temperature range guaranteed up to 125 degrees (UL: 85 deg.)
I
Dielectric strength: AC2000V (In case of lead spacing F=5mm), AC2600V (In case of lead spacing F=7.5mm)
I
Class X1/Y2 capacitors which are recognized by UL/CSA/BSI/SEMKO/SEV/VDE/FIMKO/NEMKO/DEMKO/NSW.
I
Coated with flame-retardant epoxy resin (conforming to UL94V-0 standard).
I
Cost-saving automatic insertion available.
I
Available product for RoHS Restriction (EU Directive 2002/95/EC)
I
Working Voltage: 250 VAC
RADIAL LEADED DISC SAFETY CAPACITORS
(250 VAC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com