Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXEPBLCKA Datasheet(PDF) 18 Page - Murata Manufacturing Co., Ltd.

Part # EXEPBLCKA
Description  DESIGN ENGINEERING KITS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

EXEPBLCKA Datasheet(HTML) 18 Page - Murata Manufacturing Co., Ltd.

Back Button EXEPBLCKA Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
18
Note: Design Kit Contents are subject to change without notice.
G-06-G
DESIGN ENGINEERING KITS
CERAMIC CHIP CAPACITORS
Low ESL 0402 – 1206 (4.0 to 25 VDC)
I
Low ESL. Good for noise reduction for high frequency
equipment.
I
Suitable for high speed IC decoupling.
I
Small and high capacitance. Low profile type is available.
I
0402, 0603, 0805 and 1206 sizes
LL-LOWESL-KIT-B– – E
No.
Description (T=max.)
Murata Global P/N
Qty.
1
0402/X6S/0.1uF/6.3V/T=0.35mm
LLL153C80J104ME01
20
2
0402/X6S/0.22uF/6.3V/T=0.35mm
LLL153C80J224ME14
20
3
0603/X7R/10000pF/25V/T=0.6mm
LLL185R71E103MA01
20
4
0603/X7R/22000pF/25V/T=0.6mm
LLL185R71E223MA01
20
5
0603/X7R/47000pF/16V/T=0.6mm
LLL185R71C473MA01
20
6
0603/X7R/0.1uF/10V/T=0.6mm
LLL185R71A104MA01
20
7
0603/X7R/0.22uF/10V/T=0.6mm
LLL185R71A224MA01
20
8
0603/X7S/0.47uF/4V/T=0.6mm
LLL185C70G474MA01
20
9
0603/X7S/1uF/4V/T=0.55mm
LLL185C70G105ME01
20
10
0603/X7S/2.2uF/4V/T=0.55mm
LLL185C70G225ME01
20
11
0805/X7R/47000pF/25V/T=0.7mm
LLL216R71E473MA01
20
12
0805/X7R/0.1uF/25V/T=0.7mm
LLL216R71E104MA01
20
13
0805/X7R/0.22uF/16V/T=0.95mm
LLL219R71C224MA01
20
14
0805/X7R/0.47uF/10V/T=0.95mm
LLL219R71A474MA01
20
15
0805/X7R/1uF/6.3V/T=0.95mm
LLL219R70J105MA01
20
16
0805/X7R/22000pF/25V/T=0.5mm
LLL215R71E223MA11
20
17
0805/X7R/47000pF/16V/T=0.5mm
LLL215R71C473MA11
20
18
0805/X7R/0.1uF/16V/T=0.5mm
LLL215R71C104MA11
20
19
0805/X7R/0.22uF/10V/T=0.5mm
LLL215R71A224MA11
20
20
1206/X7R/0.22uF/25V/T=1.25mm
LLL31MR71E224MA01
20
21
1206/X7R/0.47uF/16V/T=0.75mm
LLL317R71C474MA01
20
22
1206/X7R/1uF/16V/T=1.25mm
LLL31MR71C105MA01
20
23
1206/X7R/2.2uF/10V/T=1.25mm
LLL31MR71A225MA01
20
24
1206/X5R/10uF/4V/T=1.25mm
LLL31MR60J106ME01
20
25
1206/X7R/47000pF/25V/T=0.5mm
LLL315R71E473MA11
20
26
1206/X7R/0.1uF/25V/T=0.5mm
LLL315R71E104MA11
20
27
1206/X7R/0.22uF/16V/T=0.5mm
LLL315R71C224MA11
20
28
1206/X7R/0.47uF/10V/T=0.5mm
LLL315R71A474MA11
20
29
0603/X7S/0.47uF/4V/T=0.55mm
LLA185C70G474MA01
20
30
0603/X7S/1uF/4V/T=0.55mm
LLA185C70G105ME01
20
31
0603/X7S/2.2uF/4V/T=0.55mm
LLA185C70G225ME16
20
32
0805/X7R/1uF/6.3V/T=0.95mm
LLA219R70J105MA01
20
33
0805/X7R/10000pF/25V/T=0.55mm
LLA215R71E103MA14
20
34
0805/X7R/0.1uF/16V/T=0.55mm
LLA215R71C104MA14
20
35
0805/X7R/0.22uF/6.3V/T=0.55mm
LLA215R70J224MA14
20
36
0805/X7R/0.47uF/6.3V/T=0.55mm
LLA215R70J474MA14
20
37
0805/X7S/1uF/4V/T=0.55mm
LLA215C70G105MA14
20
38
0805/X7S/2.2uF/4V/T=0.55mm
LLA215C70G225ME11
20
39
0805/X7S/4.7uF/4V/T=0.55mm
LLA215C70G475ME19
20
40
1206/X7R/0.47uF/16V/T=0.95mm
LLA319R71C474MA01
20
41
1206/X7R/1uF/16V/T=1.25mm
LLA31MR71C105MA01
20
42
1206/X7R/2.2uF/10V/T=1.25mm
LLA31MR71A225MA01
20
43
1206/X7R/0.22uF/16V/T=0.55mm
LLA315R71C224MA14
20
44
1206/X7R/0.47uF/10V/T=0.55mm
LLA315R71A474MA14
20
45
1206/X7R/1uF/6.3V/T=0.55mm
LLA315R70J105MA14
20
46
1206/X7R/2.2uF/6.3V/T=0.55mm
LLA315R70J225MA14
20
47
0805/X7S/1uF/4V/T=0.55mm
LLM215C70G105MA11
20
48
0805/X7S/2.2uF/4V/T=0.55mm
LLM215C70G225ME11
20
49
1206/X7R/2.2uF/6.3V/T=0.55mm
LLM315R70J225MA11
20
NOTE: For Ceramic Chip Capacitors, dashes are part of the part
number and must be included when placing an order.
LLL Standard 2 Terminal
(Reversed Geometry Low ESL Type)
1. Low ESL: 150 to 250pH. Suitable for noise reduction
at high frequencies (> 200MHz)
2. Operating Temperature:
X7R -55°C to 125°C with a ±15% cap change over
temp range
X7S -55°C to 125°C with a ±22% cap change over
temp range
LLA Eight Terminal (Low ESL Type)
1. Lower ESL: 80 to 120pH. Suitable for high speed
(800MHz to 4GHz) IC decoupling
2. Operating Temperature:
X7R -55°C to 125°C with a ±15% cap change over
temp range
X7S -55°C to 125°C with a ±22% cap change over
temp range
LLM Ten Terminal (Low ESL Type)
1. Lowest ESL: 35 to 45pH. Suitable for high speed
(1GHz to 4GHz) IC decoupling
2. Operating Temperature:
X7R -55°C to 125°C with a ±15% cap change over
temp range
X7S -55°C to 125°C with a ±22% cap change over
temp range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com