Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXEPBLCKA Datasheet(PDF) 26 Page - Murata Manufacturing Co., Ltd.

Part # EXEPBLCKA
Description  DESIGN ENGINEERING KITS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

EXEPBLCKA Datasheet(HTML) 26 Page - Murata Manufacturing Co., Ltd.

Back Button EXEPBLCKA Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
MICROWAVE COAXIAL CONNECTORS
26
Note: Design Kit Contents are subject to change without notice.
G-06-G
DESIGN ENGINEERING KITS
No.
Description
Murata Global P/N
Qty.
1
Board Mounted Switch Connectors
MM8130-2600B
25
2
Manual Test Probe
MXHS83QE3000
1
3
Evaluation Board with Receptacle
MM8130-2600B with PCB
1
4
Instructional Guide
n/a
1
SWF SERIES KIT M1KMM8130-SWF01
I
The Microwave Switch Connectors provide an easy and reliable test point allowing for handsfree operation when verifying the designs
functionality or when doing circuit modification.
I
Popular applications include cell phones, GPS, WiMax, UWB, Bluetooth, Zigbee and WLAN products.
I
Small size: SWF - 2.5 x 2.4 x 1.4mm (L x W x H)
SWD - 3.0 x 3.0 x 1.75mm (L x W x H)
I
Wide Operating Frequency Ranges - DC to 6GHz
I
Low insertion loss - 0.1dB from DC to 3GHz and 0.2 max from 3 to 6GHz
I
High engagement count: SWF - 100 cycles
SWD - 500 cycles
I
Reflow compatible with today's automated production processes
I
RoHS compliant
No.
Description
Murata Global P/N
Qty.
1
Board Mounted Switch Connectors
MM8430-2610B
25
2
Manual Test Probe
MXHS83QE3000
1
3
Evaluation Board with Receptacle
MM8430-2610B with PCB
1
4
Instructional Guide
n/a
1
SWD SERIES KIT M1KMM8430-SWD01
No.
Description
Murata Global P/N
Qty.
1
Board Mounted Receptacle
MM4829-2702B
25
2
MW Coaxial Cable - 100mm
MXHP32HP1000
3
3
MW Coaxial Cable - 200mm
MXHP32XX2000
3
4
MW Coaxial Cable - 300mm
MXHP32HP3000
3
5
Engage/Disengage Tool
M19100
1
6
Evaluation Board with Receptacle
MM4829-2702B with PCB
1
7
Instructional Guide
n/a
1
HSC SERIES KIT M1KMM4829-HSC01
I
The HSC series of Ultra Small Cable Connectors allows design engineers an easy method of interconnecting two points for microwave
signals.
I
Typical applications include cellular phones, WLAN products, wireless modules, notebook computers and measuring equipment
I
Small size - 2.0 x 2.0 x 0.6mm (L x W x H)
I
Maximum mating height - 1.2mm
I
High durability for engagements: 30 cycles
I
Wide selection of cable options available
I
RoHS compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com