Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXEPBLCKA Datasheet(PDF) 22 Page - Murata Manufacturing Co., Ltd.

Part # EXEPBLCKA
Description  DESIGN ENGINEERING KITS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

EXEPBLCKA Datasheet(HTML) 22 Page - Murata Manufacturing Co., Ltd.

Back Button EXEPBLCKA Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
22
Note: Design Kit Contents are subject to change without notice.
G-06-G
DESIGN ENGINEERING KITS
CERAMIC CHIP CAPACITORS
Automotive Grade 0603 – 1210 (10 to 50 VDC)
I
GCM series is for power-train and automotive safety equipment.
GRM series is available for other automotive equipment such as
comfort, security, information and entertainment.
I
GCM series meets AEC-Q200 requirements.
I
GCM series is offered with a Ni barrier termination plated with
Matte Tin (Sn), and is RoHS compliant.
I
TA chip capacitor replacement product lineup is available in X7R
(X7S) temperature characteristics.
I
No polarity
I
Stringent dimensional tolerances allow highly reliable, high speed
automatic chip placement on PCBs.
No.
Description
Murata Global P/N
Qty.
1
0603/X7R/1000pF/50V
GCM188R71H102KA37
20
2
0603/X7R/1500pF/50V
GCM188R71H152KA37
20
3
0603/X7R/2200pF/50V
GCM188R71H222KA37
20
4
0603/X7R/3300pF/50V
GCM188R71H332KA37
20
5
0603/X7R/4700pF/50V
GCM188R71H472KA37
20
6
0603/X7R/6800pF/50V
GCM188R71H682KA37
20
7
0603/X7R/10000pF/50V
GCM188R71H103KA37
20
8
0603/X7R/15000pF/50V
GCM188R71H153KA37
20
9
0603/X7R/22000pF/50V
GCM188R71H223KA37
20
10
0603/X7R/33000pF/50V
GCM188R71H333KA55
20
11
0603/X7R/47000pF/50V
GCM188R71H473KA55
20
12
0603/X7R/68000pF/50V
GCM188R71H683KA57
20
13
0603/X7R/0.1uF/50V
GCM188R71H104KA57
20
14
0603/X7R/0.15uF/25V
GCM188R71E154KA37
20
15
0603/X7R/0.22uF/50V
GCM188R71H224KA64
20
16
0603/X7R/0.22uF/25V
GCM188R71E224KA55
20
17
0603/X7R/0.47uF/25V
GCM188R71E474KA64
20
18
0603/X7R/0.47uF/16V
GCM188R71C474KA55
20
19
0603/X7R/1uF/25V
GCM188R71E105KA64
20
20
0603/X7R/1uF/16V
GCM188R71C105KA64
20
21
0603/X7R/2.2uF/6.3V
GCM188R70J225KE22
20
22
0805/X7R/0.22uF/50V
GCM21BR71H224KA37
20
23
0805/X7R/0.47uF/50V
GCM21BR71H474KA55
20
24
0805/X7R/1uF/35V
GCM21BR7YA105KA55
20
25
0805/X7R/1uF/25V
GCM21BR71E105KA56
20
26
0805/X7R/1uF/16V
GCM219R71C105KA37
20
27
0805/X7R/2.2uF/25V
GCM21BR71E225KA73
20
28
0805/X7R/2.2uF/16V
GCM21BR71C225KA64
20
29
0805/X7R/4.7uF/16V
GCM21BR71C475KA73
20
30
0805/X7R/10uF/6.3V
GCM21BR70J106KE22
20
31
1206/X7R/1uF/50V
GCM31MR71H105KA55
20
32
1206/X7R/2.2uF/50V
GCM31CR71H225KA55
20
33
1206/X7R/2.2uF/25V
GCM31MR71E225KA57
20
34
1206/X7R/4.7uF/25V
GCM31CR71E475KA55
20
35
1206/X7R/10uF/16V
GCM31CR71C106KA64
20
36
1206/X7R/10uF/10V
GCM31CR71A106KA64
20
37
1206/X7R/22uF/6.3V
GCM31CR70J226KE23
20
38
1210/X7R/4.7uF/50V
GCM32ER71H475KA55
20
39
1210/X7R/10uF/25V
GCM32ER71E106KA57
20
40
1210/X7R/22uF/16V
GCM32ER71C226KE19
20
41
1210/X7R/22uF/10V
GCM32ER71A226KE12
20
42
1210/X7R/47uF/6.3V
GCM32ER70J476KE19
20
GCM———KIT-X7R————A
NOTE: For Ceramic Chip Capacitors, dashes are part of
the part number and must be included when placing
an order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com