Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXEPBLCKA Datasheet(PDF) 24 Page - Murata Manufacturing Co., Ltd.

Part # EXEPBLCKA
Description  DESIGN ENGINEERING KITS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

EXEPBLCKA Datasheet(HTML) 24 Page - Murata Manufacturing Co., Ltd.

Back Button EXEPBLCKA Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
24
Note: Design Kit Contents are subject to change without notice.
G-06-G
DESIGN ENGINEERING KITS
RADIAL LEADED MONOLITHIC CERAMIC CHIP CAPACITORS
(25 to 630 VDC)
RPE 100 VDC and less for Commercial and Automotive applications
For availability check with your Murata Sales Contact. Part numbers in kits depend on application.
I
Small dimensions, large capacitance, and a capacity volume ratio of 10 F/cm cube, close to that of electrolytic capacitors. These do not
have polarity.
I
Excellent frequency characteristics and due to these small internal inductance are suitable for high frequency.
I
Epoxy coated type which are not highly flammable, having characteristics equivalent to the UL94V-0 standard.
I
No polarity
I
Stringent dimensional tolerances allow highly reliable, high speed automatic chip placement on PCBs.
RDE 25, 50, 100, 250 and 630 VDC for Commercial applications only
For availability check with your Murata Sales Contact. Part numbers in kits depend on application.
I
Small size and large capacitance
I
Low ESR characteristics for high frequency
I
Epoxy coated type which are not highly flammable, having characteristics equivalent to the UL94V-0 standard.
I
No polarity
I
Application only for consumer electronics equipment.
MEDIUM VOLTAGE MONOLITHIC CERAMIC CHIP CAPACITORS
(250 to 3.15 KV)
U2J, 250V, 630V, 1KV, 2KV, 3.15KV
For availability check with your Murata Sales Contact. Part numbers in kits depend on application.
I
Murata’s original internal electrode structure realizes high flash-over voltage.
I
A new monolithic structure for small, surface-mountable devices capable of operating at high voltage levels.
I
Sn-plated external electrodes realize good solderability.
I
Use the GRM21/31 type with flow or reflow soldering, and other types with reflow soldering only.
I
Low-loss and suitable for high frequency circuits
I
Working VDC: 250V, 630V, 1kV, 2kV, 3.15kV
X7R, 250V, 630V
For availability check with your Murata Sales Contact. Part numbers in kits depend on application.
I
A new monolithic structure for small, high capacitance capable of operating at high voltage levels.
I
Sn-plated external electrodes realizes good solderability.
I
Use the GRM18/21/31 types with flow or reflow soldering, and other types with reflow soldering only.
I
Working VDC: 250V, 630V
GR4, X7R, 2KV
For availability check with your Murata Sales Contact. Part numbers in kits depend on application.
I
These items are designed specifically for telecommunication devices (IEEE802.3) in Ethernet LAN.
I
A new monolithic structure for small, high capacitance components capable of operating at high voltage levels.
I
Sn-plated external electrodes realizes good solderability.
I
Only for reflow soldering
I
The low-profile type (thickness: 1.5mm max.) is available. Fit for use on thinner type equipment.
I
Working Voltage: 2000V
RADIAL LEADED MEDIUM VOLTAGE DISC CAPACITORS
(500 to 6.3 KV)
DES, DEA, DEB, DEH and DEC Series
For availability check with your Murata Sales Contact. Part numbers in kits depend on application.
I
Operating temperature range is guaranteed up to 125 degree C.
I
Coated with flame-retardant epoxy resin (equivalent to UL94V-0 standard).
I
Taping available for automatic insertion.
I
Available product for RoHS Restriction (EU Directive 2002/95/EC).
I
Working Voltages: DES series: 500 & 1KVDC; DEA, DEB, and DEH series: 1KV, 2KV, 3.15KV; DEC Series: 6.3 KVDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com