Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXEPBLCKA Datasheet(PDF) 29 Page - Murata Manufacturing Co., Ltd.

Part # EXEPBLCKA
Description  DESIGN ENGINEERING KITS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

EXEPBLCKA Datasheet(HTML) 29 Page - Murata Manufacturing Co., Ltd.

Back Button EXEPBLCKA Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
G-06-G
Note: Design Kit Contents are subject to change without notice.
29
DESIGN ENGINEERING KITS
EMI FILTER KITS
SURFACE MOUNT EMI FILTERS
EKEMDCC5B
I
CHIP COMMON MODE CHOKE COILS
5.0 x 5.0mm, 5.0 x 3.6mm FOR
DC POWER LINE / SMD BLOCK TYPE
EMIFIL® FOR POWER LINE
No.
Part Number
Qty.
1
DLW5AHN402SQ2
5
2
DLW5BSN191SQ2
5
3
DLW5BSN351SQ2
5
4
DLW5BSN102SQ2
5
5
DLW5BSN152SQ2
5
6
DLW5BSN302SQ2
5
7
DLW5BTN101SQ2
5
8
DLW5BTN251SQ2
5
9
DLW5BTN501SQ2
5
10
DLW5BTN102SQ2
5
11
DLW5BTN142SQ2
5
12
BNX022-01
5
13
BNX023-01
5
EKEMNFMPH
I
CHIP EMIFIL® 0603, 0805, 1206, 1806,
2706 FOR LARGE CURRENT
No.
Part Number
Qty.
1
NFM18PC104R1C3
10
2
NFM18PC224R0J3
10
3
NFM18PC474R0J3
10
4
NFM18PC105R0J3
10
5
NFM18PC225B0J3
10
6
NFM18PC225B1A3
10
7
NFM18PS474R0J3
10
8
NFM18PS105R0J3
10
9
NFM21PC104R1E3
10
10
NFM21PC224R1C3
10
11
NFM21PC474R1C3
10
12
NFM21PC105B1A3
10
13
NFM21PC105B1C3
10
14
NFM21PC225B0J3
10
15
NFM21PC475B1A3
10
16
NFE31PC276B0J3
10
17
NFE31PT152Z1E9
10
18
NFE31PT222Z1E9
10
19
NFE61PT102E1H9
10
20
NFE61PT472C1H9
10
21
NFM41PC204F1H3
10
22
NFM41PC155B1E3
10
EKEMFA20F
I
CHIP EMIFIL® 0603, 0805 LC COMBINED
ARRAY TYPE
No.
Part Number
Qty.
1
NFA18SL506K1A45
10
2
NFA18SL137V1A45
10
3
NFA18SL187V1A45
10
4
NFA18SL207V1A45
10
5
NFA18SL307V1A45
10
6
NFA18SL407V1A45
10
7
NFA18SL487V1A45
10
8
NFA21SL506X1A48
10
9
NFA18SD187X1A45
10
10
NFA18SD207X1A45
10
11
NFA21SL806X1A48
10
12
NFA21SL207X1A45
10
13
NFA21SL207X1A48
10
14
NFA21SL307X1A45
10
15
NFA21SL307X1A48
10
16
NFA21SL287V1A45
10
17
NFA21SL287V1A48
10
18
NFA21SL317V1A45
10
19
NFA21SL317V1A48
10
20
NFA21SL337V1A45
10
21
NFA21SL337V1A48
10
EKEMFL18E
I
CHIP EMIFIL® 0603, 0805, 1206
LC COMBINED TYPE
No.
Part Number
Qty.
1
NFL18ST207X1C3
10
2
NFL18ST307X1C3
10
3
NFL18ST507X1C3
10
4
NFL18SP157X1A3
10
5
NFL18SP207X1A3
10
6
NFL18SP307X1A3
10
7
NFL18SP507X1A3
10
8
NFL21SP106X1C3
10
9
NFL21SP206X1C7
10
10
NFL21SP506X1C3
10
11
NFL21SP706X1C3
10
12
NFL21SP107X1C3
10
13
NFL21SP157X1C3
10
14
NFL21SP207X1C3
10
15
NFL21SP307X1C3
10
16
NFL21SP407X1C3
10
17
NFL21SP507X1C3
10
18
NFW31SP106X1E4
10
19
NFW31SP206X1E4
10
20
NFW31SP506X1E4
10
21
NFW31SP107X1E4
10
22
NFW31SP157X1E4
10
23
NFW31SP207X1E4
10
24
NFW31SP307X1E4
10
25
NFW31SP407X1E4
10
26
NFW31SP507X1E4
10
No.
Part Number
Qty.
1
DLW21HN670SQ2
10
2
DLW21HN900SQ2
10
3
DLW21HN121SQ2
10
4
DLW21HN181SQ2
10
5
DLW21SN670SQ2
10
6
DLW21SN900SQ2
10
7
DLW21SN121SQ2
10
8
DLW21SN181SQ2
10
9
DLW21SN261SQ2
10
10
DLW21SN371SQ2
10
11
DLW21SN670HQ2
10
12
DLW21SN900HQ2
10
13
DLW21SN121HQ2
10
14
DLW21SR670HQ2
10
15
DLP0NSN670HL2
10
16
DLP0NSN900HL2
10
17
DLP0NSN121HL2
10
18
DLP11SN670SL2
10
19
DLP11SN121SL2
10
20
DLP11SN161SL2
10
21
DLP11SN900HL2
10
22
DLP11SN201HL2
10
23
DLP11SN241HL2
10
24
DLP11SN281HL2
10
25
DLP11SN331HL2
10
26
DLP11SA350HL2
10
27
DLP11SA670HL2
10
28
DLP11SA900HL2
10
29
DLP2ADN670HL4
10
30
DLP2ADN900HL4
10
31
DLP2ADN121HL4
10
32
DLP2ADN161HL4
10
33
DLP2ADN201HL4
10
34
DLP2ADN241HL4
10
35
DLP2ADN281HL4
10
EKEMDL21J
I
CHIP COMMON MODE
CHOKE COILS
EKEPBNX0A
I
BLOCK TYPE EMIFIL®
No.
Part Number
Qty.
1
BNX002-01
1
2
BNX012-01
1
3
BNX016-01
1
4
BNX012H01
1
5
BNX022-01
3
6
BNX023-01
3
7
BNX024H01
3
8
BNX025H01
3
EKEPBLCKA
I
BLOCK TYPE EMIFIL®
No.
Part Number
Qty.
1
BNX002-01
1
2
BNX003-01
1
3
BNX005-01
1
4
BNX012-01
1
5
BNX016-01
1
6
BNX012H01
1
7
BNP002-02
1
8
BNX022-01
3
9
BNX023-01
3
10
BNX024H01
3
11
BNX025H01
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com