Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXEPBLCKA Datasheet(PDF) 17 Page - Murata Manufacturing Co., Ltd.

Part # EXEPBLCKA
Description  DESIGN ENGINEERING KITS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

EXEPBLCKA Datasheet(HTML) 17 Page - Murata Manufacturing Co., Ltd.

Back Button EXEPBLCKA Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
G-06-G
Note: Design Kit Contents are subject to change without notice.
17
DESIGN ENGINEERING KITS
CERAMIC CHIP CAPACITORS
ASCAP Hi-Frequency 0505 (150 VDC)
1111 (50 to 500 VDC)
I
Miniature sizes (0505 and 1111)
I
Very high Q at high frequency
I
High RF power capabilities
I
Impervious to environmental conditions
I
Low noise
I
Base stations, MRI systems and RF power supplies
I
Miniature sizes (0505 and 1111)
I
Very high Q at high frequency
I
High RF power capabilities
I
Impervious to environmental conditions
I
Low noise
I
Base stations, MRI systems and RF power supplies
No.
Description
Murata Global P/N
Qty.
1
0505/C0G/1pF/150V
MA591R0BAB
5
2
0505/C0G/1.5pF/150V
MA591R5CAB
5
3
0505/C0G/2.2pF/150V
MA592R2CAB
5
4
0505/C0G/3.3pF/150V
MA593R3CAB
5
5
0505/C0G/4.7pF/150V
MA594R7CAB
5
6
0505/C0G/6.8pF/150V
MA596R8DAB
5
7
0505/C0G/10pF/150V
MA59100JAB
5
8
0505/C0G/15pF/150V
MA59150JAB
5
9
0505/C0G/22pF/150V
MA59220JAB
5
10
0505/C0G/33pF/150V
MA59330JAB
5
11
0505/C0G/47pF/150V
MA59470JAB
5
12
0505/C0G/68pF/150V
MA59680JAB
5
13
0505/C0G/100pF/150V
MA59101JAB
5
MA59-HIQ0505KIT-E-
No.
Description
Murata Global P/N
Qty.
1
1111/C0G/1.5pF/500V
MA691R5CAB
5
2
1111/C0G/2.2pF/500V
MA692R2CAB
5
3
1111/C0G/3.3pF/500V
MA693R3CAB
5
4
1111/C0G/4.7pF/500V
MA694R7CAB
5
5
1111/C0G/6.8pF/500V
MA696R8DAB
5
6
1111/C0G/10pF/500V
MA69100JAB
5
7
1111/C0G/15pF/500V
MA69150JAB
5
8
1111/C0G/22pF/500V
MA69220JAB
5
9
1111/C0G/33pF/500V
MA69330JAB
5
10
1111/C0G/47pF/500V
MA69470JAB
5
11
1111/C0G/68pF/500V
MA69680JAB
5
12
1111/C0G/100pF/500V
MA69101JAB
5
13
1111/C0G/220pF/200V
MA69221JAB
5
14
1111/C0G/470pF/200V
MA69471JAB
5
15
1111/C0G/1000pF/50V
MA69102JAB
5
MA69-HIQ1111KIT-E-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com