Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXEPBLCKA Datasheet(PDF) 21 Page - Murata Manufacturing Co., Ltd.

Part # EXEPBLCKA
Description  DESIGN ENGINEERING KITS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

EXEPBLCKA Datasheet(HTML) 21 Page - Murata Manufacturing Co., Ltd.

Back Button EXEPBLCKA Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
G-06-G
Note: Design Kit Contents are subject to change without notice.
21
DESIGN ENGINEERING KITS
CERAMIC CHIP CAPACITORS
Automotive Grade 0603 – 1206 (50 VDC)
No.
Description
Murata Global P/N
Qty.
48
1206/C0G/15000pF/50V
GCM2195C1H153JA16
20
49
1206/C0G/18000pF/50V
GCM21B5C1H183JA16
20
50
1206/C0G/22000pF/50V
GCM21B5C1H223JA16
20
51
1206/C0G/27000pF/50V
GCM3195C1H273JA16
20
52
1206/C0G/33000pF/50V
GCM3195C1H333JA16
20
53
1206/C0G/39000pF/50V
GCM3195C1H393JA16
20
54
1206/C0G/47000pF/50V
GCM31M5C1H473JA16
20
55
1206/C0G/56000pF/50V
GCM31M5C1H563JA16
20
56
1206/C0G/68000pF/50V
GCM31C5C1H683JA16
20
57
1206/C0G/82000pF/50V
GCM31C5C1H823JA16
20
58
1206/C0G/0.1uF/50V
GCM31C5C1H104JA16
20
GCM– – – KIT-C0G– – – –A continued
I
GCM series is for power-train and automotive safety equipment.
GRM series is available for other automotive equipment such as
comfort, security, information and entertainment.
I
GCM series meets AEC-Q200 requirements.
I
GCM series is offered with a Ni barrier termination plated with
Matte Tin (Sn), and is RoHS compliant.
I
No polarity
I
Stringent dimensional tolerances allow highly reliable, high speed
automatic chip placement on PCBs.
No.
Description
Murata Global P/N
Qty.
1
0402/C0G/1.0pF/50V
GCM1555C1H1R0CZ13
20
1
0603/C0G/1.0pF/50V
GCM1885C1H1R0CZ13
20
2
0603/C0G/2.0pF/50V
GCM1885C1H2R0CZ13
20
3
0603/C0G/3.0pF/50V
GCM1885C1H3R0CZ13
20
4
0603/C0G/4.0pF/50V
GCM1885C1H4R0CZ13
20
5
0603/C0G/5.0pF/50V
GCM1885C1H5R0CZ13
20
6
0603/C0G/6.0pF/50V
GCM1885C1H6R0DZ13
20
7
0603/C0G/7.0pF/50V
GCM1885C1H7R0DZ13
20
8
0603/C0G/8.0pF/50V
GCM1885C1H8R0DZ13
20
9
0603/C0G/9.0pF/50V
GCM1885C1H9R0DZ13
20
10
0603/C0G/10pF/50V
GCM1885C1H100JA16
20
11
0603/C0G/12pF/50V
GCM1885C1H120JA16
20
12
0603/C0G/15pF/50V
GCM1885C1H150JA16
20
13
0603/C0G/18pF/50V
GCM1885C1H180JA16
20
14
0603/C0G/22pF/50V
GCM1885C1H220JA16
20
15
0603/C0G/27pF/50V
GCM1885C1H270JA16
20
16
0603/C0G/33pF/50V
GCM1885C1H330JA16
20
17
0603/C0G/39pF/50V
GCM1885C1H390JA16
20
18
0603/C0G/47pF/50V
GCM1885C1H470JA16
20
19
0603/C0G/56pF/50V
GCM1885C1H560JA16
20
20
0603/C0G/68pF/50V
GCM1885C1H680JA16
20
21
0603/C0G/82pF/50V
GCM1885C1H820JA16
20
22
0603/C0G/100pF/50V
GCM1885C1H101JA16
20
23
0603/C0G/120pF/50V
GCM1885C1H121JA16
20
24
0603/C0G/150pF/50V
GCM1885C1H151JA16
20
25
0603/C0G/180pF/50V
GCM1885C1H181JA16
20
26
0603/C0G/220pF/50V
GCM1885C1H221JA16
20
27
0603/C0G/270pF/50V
GCM1885C1H271JA16
20
28
0603/C0G/330pF/50V
GCM1885C1H331JA16
20
29
0603/C0G/390pF/50V
GCM1885C1H391JA16
20
30
0603/C0G/470pF/50V
GCM1885C1H471JA16
20
31
0603/C0G/560pF/50V
GCM1885C1H561JA16
20
32
0603/C0G/680pF/50V
GCM1885C1H681JA16
20
33
0603/C0G/820pF/50V
GCM1885C1H821JA16
20
34
0603/C0G/1000pF/50V
GCM1885C1H102JA16
20
35
0603/C0G/1200pF/50V
GCM1885C1H122JA16
20
36
0603/C0G/1500pF/50V
GCM1885C1H152JA16
20
37
0603/C0G/1800pF/50V
GCM1885C1H182JA16
20
38
0603/C0G/2200pF/50V
GCM1885C1H222JA16
20
39
0603/C0G/2700pF/50V
GCM1885C1H272JA16
20
40
0805/C0G/3300pF/50V
GCM1885C1H332JA16
20
41
0805/C0G/3900pF/50V
GCM1885C1H392JA16
20
42
0805/C0G/4700pF/50V
GCM2165C1H472JA16
20
43
0805/C0G/5600pF/50V
GCM2195C1H562JA16
20
44
0805/C0G/6800pF/50V
GCM2195C1H682JA16
20
45
0805/C0G/8200pF/50V
GCM2195C1H822JA16
20
46
0805/C0G/10000pF/50V
GCM2195C1H103JA16
20
47
1206/C0G/12000pF/50V
GCM2195C1H123JA16
20
GCM– – – KIT-C0G – – – –A
NOTE: For Ceramic Chip Capacitors, dashes are part of
the part number and must be included when placing
an order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com