Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXEPBLCKA Datasheet(PDF) 23 Page - Murata Manufacturing Co., Ltd.

Part # EXEPBLCKA
Description  DESIGN ENGINEERING KITS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

EXEPBLCKA Datasheet(HTML) 23 Page - Murata Manufacturing Co., Ltd.

Back Button EXEPBLCKA Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. EXEPBLCKA Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
G-06-G
Note: Design Kit Contents are subject to change without notice.
23
DESIGN ENGINEERING KITS
CERAMIC CHIP CAPACITORS
Automotive Grade 0603 – 1206 (100 VDC)
I
GCM series is for power-train and automotive safety equipment.
GRM series is available for other automotive equipment such as
comfort, security, information and entertainment.
I
GCM series meets AEC-Q200 requirements.
I
GCM series is offered with a Ni barrier termination plated with
Matte Tin (Sn), and is RoHS compliant.
I
No polarity
I
Stringent dimensional tolerances allow highly reliable, high speed
automatic chip placement on PCBs.
No.
Description
Murata Global P/N
Qty.
1
0603/C0G/10pF/100V
GCM1885C2A100JA17
20
2
0603/C0G/12pF/100V
GCM1885C2A120JA17
20
3
0603/C0G/15pF/100V
GCM1885C2A150JA17
20
4
0603/C0G/18pF/100V
GCM1885C2A180JA17
20
5
0603/C0G/22pF/100V
GCM1885C2A220JA17
20
6
0603/C0G/27pF/100V
GCM1885C2A270JA17
20
7
0603/C0G/33pF/100V
GCM1885C2A330JA17
20
8
0603/C0G/39pF/100V
GCM1885C2A390JA17
20
9
0603/C0G/47pF/100V
GCM1885C2A470JA17
20
10
0603/C0G/56pF/100V
GCM1885C2A560JA17
20
11
0603/C0G/68pF/100V
GCM1885C2A680JA17
20
12
0603/C0G/82pF/100V
GCM1885C2A820JA17
20
13
0603/C0G/100pF/100V
GCM1885C2A101JA17
20
14
0603/C0G/120pF/100V
GCM1885C2A121JA17
20
15
0603/C0G/150pF/100V
GCM1885C2A151JA17
20
16
0603/C0G/180pF/100V
GCM1885C2A181JA17
20
17
0603/C0G/220pF/100V
GCM1885C2A221JA17
20
18
0603/C0G/270pF/100V
GCM1885C2A271JA17
20
19
0603/C0G/330pF/100V
GCM1885C2A331JA17
20
20
0603/C0G/390pF/100V
GCM1885C2A391JA17
20
21
0603/C0G/470pF/100V
GCM1885C2A471JA17
20
22
0603/C0G/560pF/100V
GCM1885C2A561JA17
20
23
0603/C0G/680pF/100V
GCM1885C2A681JA17
20
24
0603/C0G/820pF/100V
GCM1885C2A821JA17
20
25
0603/C0G/1000pF/100V
GCM1885C2A102JA17
20
26
0603/C0G/1200pF/100V
GCM1885C2A122JA17
20
27
0603/C0G/1500pF/100V
GCM1885C2A152JA17
20
28
0805/C0G/1800pF/100V
GCM2165C2A182JA17
20
29
0805/C0G/2200pF/100V
GCM2165C2A222JA17
20
30
0805/C0G/2700pF/100V
GCM2165C2A272JA17
20
31
0805/C0G/3300pF/100V
GCM2165C2A332JA17
20
32
1206/C0G/3900pF/100V
GCM3195C2A392JA17
20
33
1206/C0G/4700pF/100V
GCM3195C2A472JA17
20
34
1206/C0G/5600pF/100V
GCM3195C2A562JA17
20
35
0603/X7R/1000pF/100V
GCM3195C2A682JA17
20
36
1206/C0G/8200pF/100V
GCM3195C2A822JA17
20
37
1206/C0G/10000pF/100V
GCM3195C2A103JA17
20
38
1206/C0G/6800pF/100V
GCM188R72A102KA38
20
39
0603/X7R/1500pF/100V
GCM188R72A152KA38
20
40
0603/X7R/2200pF/100V
GCM188R72A222KA38
20
41
0603/X7R/3300pF/100V
GCM188R72A332KA38
20
42
0603/X7R/4700pF/100V
GCM188R72A472KA38
20
43
0603/X7R/6800pF/100V
GCM188R72A682KA38
20
44
0603/X7R/10000pF/100V
GCM188R72A103KA38
20
45
0603/X7R/15000pF/100V
GCM188R72A153KA38
20
46
0603/X7R/22000pF/100V
GCM188R72A223KA38
20
47
0603/X7R/0.1uF/100V
GCM188R72A104KA65
20
48
0805/X7R/33000pF/100V
GCM219R72A333KA38
20
GCM———KIT-100V———A
No.
Description
Murata Global P/N
Qty.
49
0805/X7R/47000pF/100V
GCM21BR72A473KA38
20
50
0805/X7R/68000pF/100V
GCM21BR72A683KA38
20
51
0805/X7R/0.1uF/100V
GCM21BR72A104KA38
20
52
1206/X7R/0.15uF/100V
GCM31MR72A154KA38
20
53
1206/X7R/0.22uF/100V
GCM31MR72A224KA38
20
GCM———KIT-100V———A continued
NOTE: For Ceramic Chip Capacitors, dashes are part of
the part number and must be included when placing
an order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com