Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C0 Datasheet(PDF) 46 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 46 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 42Page - Altera Corporation PLL2_C0 Datasheet HTML 43Page - Altera Corporation PLL2_C0 Datasheet HTML 44Page - Altera Corporation PLL2_C0 Datasheet HTML 45Page - Altera Corporation PLL2_C0 Datasheet HTML 46Page - Altera Corporation PLL2_C0 Datasheet HTML 47Page - Altera Corporation PLL2_C0 Datasheet HTML 48Page - Altera Corporation PLL2_C0 Datasheet HTML 49Page - Altera Corporation PLL2_C0 Datasheet HTML 50Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 274 page
background image
3–12
Chapter 3: Memory Blocks in the Cyclone III Device Family
Memory Modes
Cyclone III Device Handbook
December 2011
Altera Corporation
Volume 1
In true dual-port mode, you can access any memory location at any time from either
port A or port B. However, when accessing the same memory location from both
ports, you must avoid possible write conflicts. When you attempt to write to the same
address location from both ports at the same time, a write conflict happens. This
results in unknown data being stored to that address location. There is no conflict
resolution circuitry built into the Cyclone III device family M9K memory blocks. You
must handle address conflicts external to the RAM block.
Figure 3–12 shows true dual-port timing waveforms for the write operation at port A
and read operation at port B. Registering the outputs of the RAM simply delays the q
outputs by one clock cycle.
Shift Register Mode
Cyclone III device family M9K memory blocks can implement shift registers for
digital signal processing (DSP) applications, such as finite impulse response (FIR)
filters, pseudo-random number generators, multi-channel filtering, and
auto-correlation and cross-correlation functions. These and other DSP applications
require local data storage, traditionally implemented with standard flipflops that
quickly exhaust many logic cells for large shift registers. A more efficient alternative is
to use embedded memory as a shift register block, which saves logic cell and routing
resources.
The size of a (w× m×n) shift register is determined by the input data width (w), the
length of the taps (m), and the number of taps (n), and must be less than or equal to
the maximum number of memory bits, which is 9,216 bits. In addition, the size of
(w×n) must be less than or equal to the maximum width of the block, which is 36 bits.
If you need a larger shift register, you can cascade the M9K memory blocks.
Figure 3–12. Cyclone III Device Family True Dual-Port Timing Waveforms
clk_a
wren_a
address_a
clk_b
an-1
an
a0
a1
a2
a3
a4
a5
a6
q_b (asynch)
wren_b
address_b
bn
b0
b1
b2
b3
doutn-1
doutn
dout0
q_a (asynch)
din-1
din
din4
din5
din6
data_a
din-1
din
dout0
dout1
dout2
dout3
din4
din5
dout2
dout1
rden_a
rden_b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com