Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C0 Datasheet(PDF) 70 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 70 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 66Page - Altera Corporation PLL2_C0 Datasheet HTML 67Page - Altera Corporation PLL2_C0 Datasheet HTML 68Page - Altera Corporation PLL2_C0 Datasheet HTML 69Page - Altera Corporation PLL2_C0 Datasheet HTML 70Page - Altera Corporation PLL2_C0 Datasheet HTML 71Page - Altera Corporation PLL2_C0 Datasheet HTML 72Page - Altera Corporation PLL2_C0 Datasheet HTML 73Page - Altera Corporation PLL2_C0 Datasheet HTML 74Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 274 page
background image
5–10
Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family
Cyclone III Device Family PLL Hardware Overview
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
Cyclone III Device Family PLL Hardware Overview
This section gives a hardware overview of the Cyclone III device family PLL.
Figure 5–6 shows a simplified block diagram of the major components of the PLL of
the Cyclone III device family.
1 The VCO post-scale counter K is used to divide the supported VCO range by two. The
VCO frequency reported by the Quartus II software in the PLL summary section of
the compilation report takes into consideration the VCO post-scale counter value.
Therefore, if the VCO post-scale counter has a value of 2, the frequency reported is
lower than the fVCO specification specified in the Cyclone III Device Data Sheet and
Cyclone III LS Device Data Sheet chapters.
External Clock Outputs
Each PLL of the Cyclone III device family supports one single-ended clock output or
one differential clock output. Only the C0 output counter can feed the dedicated
external clock outputs, as shown in Figure 5–7, without going through the GCLK.
Other output counters can feed other I/O pins through the GCLK.
Figure 5–6. Cyclone III Device Family PLL Block Diagram
(1)
Notes to Figure 5–6:
(1) Each clock source can come from any of the four clock pins located on the same side of the device as the PLL.
(2) This is the VCO post-scale counter K.
(3) This input port is fed by a pin-driven dedicated GCLK, or through a clock control block if the clock control block is fed by an output from another
PLL or a pin-driven dedicated GCLK. An internally generated global signal cannot drive the PLL.
Clock
Switchover
Block
inclk0
inclk1
Clock inputs
from pins
GCLK
pfdena
clkswitch
clkbad0
clkbad1
activeclock
PFD
LOCK
circuit
lock
÷n
CP
LF
VCO
÷2 (2)
÷C0
÷C1
÷C2
÷C3
÷C4
÷M
PLL
output
mux
GCLKs
External clock
output
8
8
4
GCLK
networks
no compensation;
ZDB mode
source-synchronous;
normal mode
VCO
Range
Detector
VCOOVRR
VCOUNDR
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com