Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C0 Datasheet(PDF) 86 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 86 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 82Page - Altera Corporation PLL2_C0 Datasheet HTML 83Page - Altera Corporation PLL2_C0 Datasheet HTML 84Page - Altera Corporation PLL2_C0 Datasheet HTML 85Page - Altera Corporation PLL2_C0 Datasheet HTML 86Page - Altera Corporation PLL2_C0 Datasheet HTML 87Page - Altera Corporation PLL2_C0 Datasheet HTML 88Page - Altera Corporation PLL2_C0 Datasheet HTML 89Page - Altera Corporation PLL2_C0 Datasheet HTML 90Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 274 page
background image
5–26
Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family
PLL Reconfiguration
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
■
Keep the secondary PLL in a reset state until the primary PLL has locked to ensure
the phase settings are correct on the secondary PLL.
■
You cannot connect either of the inclk ports of any PLLs in the cascaded scheme
to clock outputs from PLLs in the cascaded scheme.
PLL Reconfiguration
PLLs use several divide counters and different VCO phase taps to perform frequency
synthesis and phase shifts. In Cyclone III device family PLLs, you can reconfigure
both counter settings and phase shift the PLL output clock in real time. You can also
change the charge pump and loop filter components, which dynamically affects PLL
bandwidth. You can use these PLL components to update the output clock frequency,
PLL bandwidth, and phase shift in real time, without reconfiguring the entire FPGA.
The ability to reconfigure the PLL in real time is useful in applications that might
operate at multiple frequencies. It is also useful in prototyping environments,
allowing you to sweep PLL output frequencies and adjust the output clock phase
dynamically. For instance, a system generating test patterns is required to generate
and send patterns at 75 or 150 MHz, depending on the requirements of the device
under test. Reconfiguring PLL components in real time allows you to switch between
two such output frequencies in a few microseconds.
You can also use this feature to adjust clock-to-out (tCO) delays in real time by
changing the PLL output clock phase shift. This approach eliminates the need to
regenerate a configuration file with the new PLL settings.
PLL Reconfiguration Hardware Implementation
The following PLL components are configurable in real time:
■
Pre-scale counter (N)
■
Feedback counter (M)
■
Post-scale output counters (C0-C4)
■
Dynamically adjust the charge pump current (ICP) and loop filter components
(R, C) to facilitate on-the-fly reconfiguration of the PLL bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com