Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C0 Datasheet(PDF) 14 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 14 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 10Page - Altera Corporation PLL2_C0 Datasheet HTML 11Page - Altera Corporation PLL2_C0 Datasheet HTML 12Page - Altera Corporation PLL2_C0 Datasheet HTML 13Page - Altera Corporation PLL2_C0 Datasheet HTML 14Page - Altera Corporation PLL2_C0 Datasheet HTML 15Page - Altera Corporation PLL2_C0 Datasheet HTML 16Page - Altera Corporation PLL2_C0 Datasheet HTML 17Page - Altera Corporation PLL2_C0 Datasheet HTML 18Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 274 page
background image
1–2
Chapter 1: Cyclone III Device Family Overview
Cyclone III Device Family Features
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
Design Security Feature
Cyclone III LS devices offer the following design security features:
■
Configuration security using advanced encryption standard (AES) with 256-bit
volatile key
■
Routing architecture optimized for design separation flow with the Quartus® II
software
■
Design separation flow achieves both physical and functional isolation
between design partitions
■
Ability to disable external JTAG port
■
Error Detection (ED) Cycle Indicator to core
■
Provides a pass or fail indicator at every ED cycle
■
Provides visibility over intentional or unintentional change of configuration
random access memory (CRAM) bits
■
Ability to perform zeroization to clear contents of the FPGA logic, CRAM,
embedded memory, and AES key
■
Internal oscillator enables system monitor and health check capabilities
Increased System Integration
■
High memory-to-logic and multiplier-to-logic ratio
■
High I/O count, low-and mid-range density devices for user I/O constrained
applications
■
Adjustable I/O slew rates to improve signal integrity
■
Supports I/O standards such as LVTTL, LVCMOS, SSTL, HSTL, PCI, PCI-X,
LVPECL, bus LVDS (BLVDS), LVDS, mini-LVDS, RSDS, and PPDS
■
Supports the multi-value on-chip termination (OCT) calibration feature to
eliminate variations over process, voltage, and temperature (PVT)
■
Four phase-locked loops (PLLs) per device provide robust clock management and
synthesis for device clock management, external system clock management, and
I/O interfaces
■
Five outputs per PLL
■
Cascadable to save I/Os, ease PCB routing, and reduce jitter
■
Dynamically reconfigurable to change phase shift, frequency multiplication or
division, or both, and input frequency in the system without reconfiguring the
device
■
Remote system upgrade without the aid of an external controller
■
Dedicated cyclical redundancy code checker circuitry to detect single-event upset
(SEU) issues
■
Nios® II embedded processor for Cyclone III device family, offering low cost and
custom-fit embedded processing solutions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com