Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C0 Datasheet(PDF) 81 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 81 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 77Page - Altera Corporation PLL2_C0 Datasheet HTML 78Page - Altera Corporation PLL2_C0 Datasheet HTML 79Page - Altera Corporation PLL2_C0 Datasheet HTML 80Page - Altera Corporation PLL2_C0 Datasheet HTML 81Page - Altera Corporation PLL2_C0 Datasheet HTML 82Page - Altera Corporation PLL2_C0 Datasheet HTML 83Page - Altera Corporation PLL2_C0 Datasheet HTML 84Page - Altera Corporation PLL2_C0 Datasheet HTML 85Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 274 page
background image
Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family
5–21
Hardware Features
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Manual Clock Switchover
Cyclone III device family PLLs support manual switchover, in which the clkswitch
signal controls whether inclk0 or inclk1 is the input clock to the PLL. The
characteristics of a manual switchover is similar to the manual override feature in an
automatic clock switchover, in which the switchover circuit is edge-sensitive. When
the clkswitch signal goes high, the switchover sequence starts. The falling edge of the
clkswitch
signal does not cause the circuit to switch back to the previous input clock.
f For more information about PLL software support in the Quartus II software, refer to
the Phase-Locked Loop (ALTPLL) Megafunction User Guide.
Guidelines
Use the following guidelines to design with clock switchover in PLLs:
■
Clock loss detection and automatic clock switchover requires that the inclk0 and
inclk1
frequencies be within 20% of each other. Failing to meet this requirement
causes the clkbad[0] and clkbad[1] signals to function improperly.
■
When using manual clock switchover, the difference between inclk0 and inclk1
can be more than 20%. However, differences between the two clock sources
(frequency, phase, or both) can cause the PLL to lose lock. Resetting the PLL
ensures that the correct phase relationships are maintained between the input and
output clocks.
1 Both inclk0 and inclk1 must be running when the clkswitch signal goes high to
start the manual clock switchover event. Failing to meet this requirement causes the
clock switchover to malfunction.
■
Applications that require a clock switchover feature and a small frequency drift
must use a low-bandwidth PLL. When referencing input clock changes, the
low-bandwidth PLL reacts slower than a high-bandwidth PLL. When the
switchover happens, the low-bandwidth PLL propagates the stopping of the clock
to the output slower than the high-bandwidth PLL. The low-bandwidth PLL
filters out jitter on the reference clock. However, you must be aware that the
low-bandwidth PLL also increases lock time.
■
After a switchover occurs, there may be a finite resynchronization period for the
PLL to lock onto a new clock. The exact amount of time it takes for the PLL to
re-lock is dependent on the PLL configuration.
■
If the phase relationship between the input clock to the PLL and output clock from
the PLL is important in your design, assert areset for 10 ns after performing a
clock switchover. Wait for the locked signal (or gated lock) to go high before
re-enabling the output clocks from the PLL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com