Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C0 Datasheet(PDF) 44 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 44 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 40Page - Altera Corporation PLL2_C0 Datasheet HTML 41Page - Altera Corporation PLL2_C0 Datasheet HTML 42Page - Altera Corporation PLL2_C0 Datasheet HTML 43Page - Altera Corporation PLL2_C0 Datasheet HTML 44Page - Altera Corporation PLL2_C0 Datasheet HTML 45Page - Altera Corporation PLL2_C0 Datasheet HTML 46Page - Altera Corporation PLL2_C0 Datasheet HTML 47Page - Altera Corporation PLL2_C0 Datasheet HTML 48Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 274 page
background image
3–10
Chapter 3: Memory Blocks in the Cyclone III Device Family
Memory Modes
Cyclone III Device Handbook
December 2011
Altera Corporation
Volume 1
In simple dual-port mode, M9K memory blocks support separate wren and rden
signals. You can save power by keeping the rden signal low (inactive) when not
reading. Read-during-write operations to the same address can either output “Don’t
Care” data at that location or output “Old Data”. To choose the desired behavior, set
the Read-During-Write option to either Don’t Care or Old Data in the RAM
MegaWizard Plug-In Manager in the Quartus II software. For more information about
this behavior, refer to “Read-During-Write Operations” on page 3–15.
Figure 3–10 shows the timing waveforms for read and write operations in simple
dual-port mode with unregistered outputs. Registering the outputs of the RAM
simply delays the q output by one clock cycle.
512 × 16
v
v
v
vvv
——
—
256 × 32
v
v
v
vvv
——
—
1024 × 9
—
—
—
—
—
—
vv
v
512 × 18
—
—
—
———
vv
v
256 × 36
—
—
—
———
vv
v
Table 3–3. Cyclone III Device Family M9K Block Mixed-Width Configurations (Simple Dual-Port Mode) (Part 2 of 2)
Read Port
Write Port
8192
× 1
4096
× 2
2048
× 4
1024
× 8
512
× 16
256
× 32
1024
× 9
512
× 18
256
× 36
Figure 3–10. Cyclone III Device Family Simple Dual-Port Timing Waveforms
wrclock
wren
wraddress
rdclock
an-1
an
a0
a1
a2
a3
a4
a5
a6
q (asynch)
rden
rdaddress
bn
b0
b1
b2
b3
doutn-1
doutn
dout0
din-1
din
din4
din5
din6
data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com