Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C0 Datasheet(PDF) 51 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 51 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 47Page - Altera Corporation PLL2_C0 Datasheet HTML 48Page - Altera Corporation PLL2_C0 Datasheet HTML 49Page - Altera Corporation PLL2_C0 Datasheet HTML 50Page - Altera Corporation PLL2_C0 Datasheet HTML 51Page - Altera Corporation PLL2_C0 Datasheet HTML 52Page - Altera Corporation PLL2_C0 Datasheet HTML 53Page - Altera Corporation PLL2_C0 Datasheet HTML 54Page - Altera Corporation PLL2_C0 Datasheet HTML 55Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 274 page
background image
Chapter 3: Memory Blocks in the Cyclone III Device Family
3–17
Design Considerations
December 2011
Altera Corporation
Cyclone III Device Handbook
Volume 1
In this mode, you also have two output choices: Old Data mode or Don't Care mode.
In Old Data mode, a read-during-write operation to different ports causes the RAM
outputs to reflect the old data at that address location. In Don't Care mode, the same
operation results in a “Don't Care” or unknown value on the RAM outputs.
f For more information about how to implement the desired behavior, refer to the
Internal Memory (RAM and ROM) User Guide.
Figure 3–17 shows a sample functional waveform of mixed port read-during-write
behavior for the Old Data mode. In Don't Care mode, the old data is replaced with
“Don't Care”.
1 For mixed-port read-during-write operation with dual clocks, the relationship
between the clocks determines the output behavior of the memory. If you use the
same clock for the two clocks, the output is the old data from the address location.
However, if you use different clocks, the output is unknown during the mixed-port
read-during-write operation. This unknown value may be the old or new data at the
address location, depending on whether the read happens before or after the write.
Conflict Resolution
When you are using M9K memory blocks in true dual-port mode, it is possible to
attempt two write operations to the same memory location (address). Because there is
no conflict resolution circuitry built into M9K memory blocks, this results in unknown
data being written to that location. Therefore, you must implement conflict-resolution
logic external to the M9K memory block.
Figure 3–17. Mixed Port Read-During-Write: Old Data Mode
ab
a (old data)
b (old data)
clk_a&b
wren_a
address_a
q_b (asynch)
rden_b
ab
address_b
data_a
AB
C
D
E
F
A
B
DE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com