Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C0 Datasheet(PDF) 79 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 79 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 75Page - Altera Corporation PLL2_C0 Datasheet HTML 76Page - Altera Corporation PLL2_C0 Datasheet HTML 77Page - Altera Corporation PLL2_C0 Datasheet HTML 78Page - Altera Corporation PLL2_C0 Datasheet HTML 79Page - Altera Corporation PLL2_C0 Datasheet HTML 80Page - Altera Corporation PLL2_C0 Datasheet HTML 81Page - Altera Corporation PLL2_C0 Datasheet HTML 82Page - Altera Corporation PLL2_C0 Datasheet HTML 83Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 274 page
background image
Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family
5–19
Hardware Features
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
There are two ways to use the clock switchover feature:
■
Use the switchover circuitry for switching from inclk0 to inclk1 running at the
same frequency. For example, in applications that require a redundant clock with
the same frequency as the reference clock, the switchover state machine generates
a signal that controls the multiplexer select input shown in Figure 5–14. In this
case, inclk1 becomes the reference clock for the PLL. This automatic switchover
can switch back and forth between the inclk0 and inclk1 clocks any number of
times, when one of the two clocks fails and the other clock is available.
■
Use the clkswitch input for user- or system-controlled switch conditions. This is
possible for same-frequency switchover or to switch between inputs of different
frequencies. For example, if inclk0 is 66 MHz and inclk1 is 200 MHz, you must
control the switchover because the automatic clock-sense circuitry cannot monitor
primary and secondary clock frequencies with a frequency difference of more than
20%. This feature is useful when clock sources can originate from multiple cards
on the backplane, requiring a system-controlled switchover between frequencies
of operation. Choose the secondary clock frequency so the VCO operates in the
recommended frequency range. Also, set the M, N, and C counters accordingly to
keep the VCO operating frequency in the recommended range.
Figure 5–15 shows a waveform example of the switchover feature when using
automatic loss of clock detection. Here, the inclk0 signal remains low. After the
inclk0
signal remains low for approximately two clock cycles, the clock-sense
circuitry drives the clkbad[0] signal high. Also, because the reference clock signal is
not toggling, the switchover state machine controls the multiplexer through the clksw
signal to switch to inclk1.
Figure 5–15. Automatic Switchover Upon Clock Loss Detection (1)
Note to Figure 5–15:
(1) Switchover is enabled on the falling edge of inclk0 or inclk1, depending on which clock is available. In this figure,
switchover is enabled on the falling edge of inclk1.
inclk0
inclk1
muxout
clkbad0
clkbad1
(1)
activeclock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com