Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C0 Datasheet(PDF) 20 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 20 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 16Page - Altera Corporation PLL2_C0 Datasheet HTML 17Page - Altera Corporation PLL2_C0 Datasheet HTML 18Page - Altera Corporation PLL2_C0 Datasheet HTML 19Page - Altera Corporation PLL2_C0 Datasheet HTML 20Page - Altera Corporation PLL2_C0 Datasheet HTML 21Page - Altera Corporation PLL2_C0 Datasheet HTML 22Page - Altera Corporation PLL2_C0 Datasheet HTML 23Page - Altera Corporation PLL2_C0 Datasheet HTML 24Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 274 page
background image
1–8
Chapter 1: Cyclone III Device Family Overview
Cyclone III Device Family Architecture
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
Clock Networks and PLLs
Cyclone III device family includes 20 global clock networks. You can drive global
clock signals from dedicated clock pins, dual-purpose clock pins, user logic, and
PLLs. Cyclone III device family includes up to four PLLs with five outputs per PLL to
provide robust clock management and synthesis. You can use PLLs for device clock
management, external system clock management, and I/O interfaces.
You can dynamically reconfigure the Cyclone III device family PLLs to enable
auto-calibration of external memory interfaces while the device is in operation. This
feature enables the support of multiple input source frequencies and corresponding
multiplication, division, and phase shift requirements. PLLs in Cyclone III device
family may be cascaded to generate up to ten internal clocks and two external clocks
on output pins from a single external clock source.
f For more PLL specifications and information, refer to the Cyclone III Device Data Sheet,
Cyclone III LS Device Data Sheet, and Clock Networks and PLLs in the Cyclone III Device
Family chapters.
I/O Features
Cyclone III device family has eight I/O banks. All I/O banks support single-ended
and differential I/O standards listed in Table 1–6.
The Cyclone III device family I/O also supports programmable bus hold,
programmable pull-up resistors, programmable delay, programmable drive strength,
programmable slew-rate control to optimize signal integrity, and hot socketing.
Cyclone III device family supports calibrated on-chip series termination (RS OCT) or
driver impedance matching (Rs) for single-ended I/O standards, with one OCT
calibration block per side.
f For more information, refer to the I/O Features in the Cyclone III Device Family chapter.
High-Speed Differential Interfaces
Cyclone III device family supports high-speed differential interfaces such as BLVDS,
LVDS, mini-LVDS, RSDS, and PPDS. These high-speed I/O standards in Cyclone III
device family provide high data throughput using a relatively small number of I/O
pins and are ideal for low-cost applications. Dedicated differential output drivers on
the left and right I/O banks can send data rates at up to 875 Mbps for Cyclone III
devices and up to 740 Mbps for Cyclone III LS devices, without the need for external
resistors. This saves board space or simplifies PCB routing. Top and bottom I/O banks
support differential transmission (with the addition of an external resistor network)
data rates at up to 640 Mbps for both Cyclone III and Cyclone III LS devices.
Table 1–6. Cyclone III Device Family I/O Standards Support
Type
I/O Standard
Single-Ended I/O
LVTTL, LVCMOS, SSTL, HSTL, PCI, and PCI-X
Differential I/O
SSTL, HSTL, LVPECL, BLVDS, LVDS, mini-LVDS, RSDS, and PPDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com