Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C0 Datasheet(PDF) 16 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 16 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 12Page - Altera Corporation PLL2_C0 Datasheet HTML 13Page - Altera Corporation PLL2_C0 Datasheet HTML 14Page - Altera Corporation PLL2_C0 Datasheet HTML 15Page - Altera Corporation PLL2_C0 Datasheet HTML 16Page - Altera Corporation PLL2_C0 Datasheet HTML 17Page - Altera Corporation PLL2_C0 Datasheet HTML 18Page - Altera Corporation PLL2_C0 Datasheet HTML 19Page - Altera Corporation PLL2_C0 Datasheet HTML 20Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 274 page
background image
1–4
Chapter 1: Cyclone III Device Family Overview
Cyclone III Device Family Features
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
Table 1–2 lists Cyclone III device family package options, I/O pins, and differential
channel counts.
Table 1–2. Cyclone III Device Family Package Options, I/O pin and Differential Channel Counts (1), (2), (3), (4), (5)
Family
Package
E144 (7)
M164
P240
F256
U256
F324
F484
U484
F780
Cyclone III
(8)
EP3C5
94, 22
106, 28
—
182, 68
182, 68
—
—
—
—
EP3C10
94, 22
106, 28
—
182, 68
182, 68
—
—
—
—
EP3C16
84, 19
92, 23
160, 47 168, 55
168, 55
—
346, 140
346, 140
—
EP3C25
82, 18
—
148, 43 156, 54
156, 54
215, 83
—
—
—
EP3C40
—
—
128, 26
—
—
195, 61
331, 127
331, 127
535, 227 (6)
EP3C55
—
—
—
—
—
—
327, 135
327, 135
377, 163
EP3C80
—
—
—
—
—
—
295, 113
295, 113
429, 181
EP3C120
—
—
—
—
—
—
283, 106
—
531, 233
Cyclone III
LS
EP3CLS70
—
—
—
—
—
—
294, 113
294, 113
429, 181
EP3CLS100
—
—
—
—
—
—
294, 113
294, 113
429, 181
EP3CLS150
—
—
—
—
—
—
226, 87
—
429, 181
EP3CLS200
—
—
—
—
—
—
226, 87
—
429, 181
Notes to Table 1–2:
(1) For each device package, the first number indicates the number of the I/O pin; the second number indicates the differential channel count.
(2) For more information about device packaging specifications, refer to the Cyclone III Package and Thermal Resistance webpage.
(3) The I/O pin numbers are the maximum I/O counts (including clock input pins) supported by the device package combination and can be affected
by the configuration scheme selected for the device.
(4) All packages are available in lead-free and leaded options.
(5) Vertical migration is not supported between Cyclone III and Cyclone III LS devices.
(6) The EP3C40 device in the F780 package supports restricted vertical migration. Maximum user I/Os are restricted to 510 I/Os if you enable
migration to the EP3C120 and are using voltage referenced I/O standards. If you are not using voltage referenced I/O standards, you can increase
the maximum number of I/Os.
(7) The E144 package has an exposed pad at the bottom of the package. This exposed pad is a ground pad that must be connected to the ground
plane on your PCB. Use this exposed pad for electrical connectivity and not for thermal purposes.
(8) All Cyclone III device UBGA packages are supported by the Quartus II software version 7.1 SP1 and later, with the exception of the UBGA
packages of EP3C16, which are supported by the Quartus II software version 7.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com