Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C0 Datasheet(PDF) 84 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 84 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 80Page - Altera Corporation PLL2_C0 Datasheet HTML 81Page - Altera Corporation PLL2_C0 Datasheet HTML 82Page - Altera Corporation PLL2_C0 Datasheet HTML 83Page - Altera Corporation PLL2_C0 Datasheet HTML 84Page - Altera Corporation PLL2_C0 Datasheet HTML 85Page - Altera Corporation PLL2_C0 Datasheet HTML 86Page - Altera Corporation PLL2_C0 Datasheet HTML 87Page - Altera Corporation PLL2_C0 Datasheet HTML 88Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 274 page
background image
5–24
Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family
PLL Cascading
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
Figure 5–18 shows an example of phase shift insertion using fine resolution through
VCO phase taps method. The eight phases from the VCO are shown and labeled for
reference. In this example, CLK0 is based on 0° phase from the VCO and has the C
value for the counter set to one. The CLK1 signal is divided by four, two VCO clocks
for high time and two VCO clocks for low time. CLK1 is based on the 135° phase tap
from the VCO and has the C value for the counter set to one. The CLK1 signal is also
divided by four. In this case, the two clocks are offset by 3 fine. CLK2 is based on the
0° phase from the VCO but has the C value for the counter set to three. This creates a
delay of two coarse (two complete VCO periods).
You can use the coarse and fine phase shifts to implement clock delays in the
Cyclone III device family.
The Cyclone III device family supports dynamic phase shifting of VCO phase taps
only. The phase shift is configurable for any number of times. Each phase shift takes
about one scanclk cycle, allowing you to implement large phase shifts quickly.
PLL Cascading
Two PLLs are cascaded to each other through the clock network. If your design
cascades PLLs, the source (upstream) PLL must have a low-bandwidth setting, while
the destination (downstream) PLL must have a high-bandwidth setting.
Figure 5–18. Delay Insertion Using VCO Phase Output and Counter Delay Time
td0-1
td0-2
1/8 tVCO
tVCO
0
90
135
180
225
270
315
CLK0
CLK1
CLK2
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com