Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C0 Datasheet(PDF) 108 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 108 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 104Page - Altera Corporation PLL2_C0 Datasheet HTML 105Page - Altera Corporation PLL2_C0 Datasheet HTML 106Page - Altera Corporation PLL2_C0 Datasheet HTML 107Page - Altera Corporation PLL2_C0 Datasheet HTML 108Page - Altera Corporation PLL2_C0 Datasheet HTML 109Page - Altera Corporation PLL2_C0 Datasheet HTML 110Page - Altera Corporation PLL2_C0 Datasheet HTML 111Page - Altera Corporation PLL2_C0 Datasheet HTML 112Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 274 page
background image
6–10
Chapter 6: I/O Features in the Cyclone III Device Family
OCT Support
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
Figure 6–4 shows the external calibration resistors setup on the RUP and RDN pins and
the associated OCT calibration circuitry.
RUP
and RDN pins go to a tri-state condition when calibration is completed or not
running. These two pins are dual-purpose I/Os and function as regular I/Os if you
do not use the calibration circuit.
On-Chip Series Termination Without Calibration
The Cyclone III device family supports driver impedance matching to the impedance
of the transmission line, which is typically 25  or 50 . When used with the output
drivers, OCT sets the output driver impedance to 25  or 50 . The Cyclone III device
family also supports output driver series termination (RS =50 ) for SSTL-2 and
SSTL-18
.
Figure 6–4. Cyclone III Device Family On-Chip Series Termination with Calibration Setup
Cyclone III Device Family OCT with
Calibration with RUP and RDN pins
OCT
Calibration
Circuitry
VCCIO
VCCIO
RUP
RDN
External
Calibration
Resistor
External
Calibration
Resistor
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com