Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C0 Datasheet(PDF) 132 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 132 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 128Page - Altera Corporation PLL2_C0 Datasheet HTML 129Page - Altera Corporation PLL2_C0 Datasheet HTML 130Page - Altera Corporation PLL2_C0 Datasheet HTML 131Page - Altera Corporation PLL2_C0 Datasheet HTML 132Page - Altera Corporation PLL2_C0 Datasheet HTML 133Page - Altera Corporation PLL2_C0 Datasheet HTML 134Page - Altera Corporation PLL2_C0 Datasheet HTML 135Page - Altera Corporation PLL2_C0 Datasheet HTML 136Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 274 page
background image
7–10
Chapter 7: High-Speed Differential Interfaces in the Cyclone III Device Family
High-Speed I/O Standards Support
Cyclone III Device Handbook
December 2011
Altera Corporation
Volume 1
RSDS, Mini-LVDS, and PPDS I/O Standard Support in the Cyclone III Device
Family
The RSDS, mini-LVDS, and PPDS I/O standards are used in chip-to-chip applications
between the timing controller and the column drivers on the display panels such as
LCD monitor panels and LCD televisions. The Cyclone III device family meets the
National Semiconductor Corporation RSDS Interface Specification, Texas Instruments
mini-LVDS Interface Specification, and National Semiconductor Corporation PPDS
Interface Specification to support RSDS, mini-LVDS and PPDS output standards,
respectively.
f For more information about the Cyclone III device family RSDS, mini-LVDS, and
PPDS output electrical specifications, refer to the Cyclone III Device Data Sheet and
Cyclone III LS Device Data Sheet chapters.
f For more information about the RSDS I/O standard, refer to the RSDS specification
from the National Semiconductor website (www.national.com).
Designing with RSDS, Mini-LVDS, and PPDS
Cyclone III device family I/O banks support RSDS, mini-LVDS, and PPDS output
standards. The left and right I/O banks support true RSDS, mini-LVDS, and PPDS
transmitters. On the top and bottom I/O banks, RSDS, mini-LVDS, and PPDS
transmitters are supported using two single-ended output buffers with external
resistors. The two-single ended output buffers are programmed to have opposite
polarity.
Figure 7–5 shows a RSDS, mini-LVDS, or PPDS interface with a true output buffer.
Figure 7–5. Cyclone III Device Family RSDS, Mini-LVDS, or PPDS Interface with True Output Buffer on the Left and Right
I/O Banks
Cyclone III Device Family
100
50
50
True RSDS, Mini-LVDS,
or PPDS Transmitter
RSDS, Mini-LVDS,
or PPDS Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com