Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C0 Datasheet(PDF) 140 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 140 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 136Page - Altera Corporation PLL2_C0 Datasheet HTML 137Page - Altera Corporation PLL2_C0 Datasheet HTML 138Page - Altera Corporation PLL2_C0 Datasheet HTML 139Page - Altera Corporation PLL2_C0 Datasheet HTML 140Page - Altera Corporation PLL2_C0 Datasheet HTML 141Page - Altera Corporation PLL2_C0 Datasheet HTML 142Page - Altera Corporation PLL2_C0 Datasheet HTML 143Page - Altera Corporation PLL2_C0 Datasheet HTML 144Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 274 page
background image
7–18
Chapter 7: High-Speed Differential Interfaces in the Cyclone III Device Family
Software Overview
Cyclone III Device Handbook
December 2011
Altera Corporation
Volume 1
■
Longer traces have more inductance and capacitance. These traces must be as
short as possible to limit signal integrity issues.
■
Place termination resistors as close to receiver input pins as possible.
■
Use surface mount components.
■
Avoid 90° corners on board traces.
■
Use high-performance connectors.
■
Design backplane and card traces so that trace impedance matches the impedance
of the connector and termination.
■
Keep an equal number of vias for both signal traces.
■
Create equal trace lengths to avoid skew between signals. Unequal trace lengths
result in misplaced crossing points and decrease system margins as the
transmitter-channel-to-channel skew (TCCS) value increases.
■
Limit vias because they cause discontinuities.
■
Keep switching transistor-to-transistor logic (TTL) signals away from differential
signals to avoid possible noise coupling.
■
Do not route TTL clock signals to areas under or above the differential signals.
■
Analyze system-level signals.
f For more information about PCB layout guidelines, refer to the High-Speed Board
Layout Guidelines and Guidelines for Designing High-Speed FPGA PCBs application
notes.
Software Overview
Cyclone III device family high-speed I/O system interfaces are created in core logic
by a Quartus II software megafunction because they do not have a dedicated circuit
for the SERDES. The Cyclone III device family uses the I/O registers and LE registers
to improve the timing performance and support the SERDES. Altera Quartus II
software allows you to design your high-speed interfaces using the ALTLVDS
megafunction. This megafunction implements either a high-speed deserializer
receiver or a high-speed serializer transmitter. There is a list of parameters in the
ALTLVDS megafunction that you can set to customize your SERDES based on your
design requirements. The megafunction is optimized to use Cyclone III device family
resources to create high-speed I/O interfaces in the most effective manner.
1 When you are using the Cyclone III device family with the ALTLVDS megafunction,
the interface always sends the MSB of your parallel data first.
f For more information about designing your high-speed I/O systems interfaces using
the ALTLVDS megafunction, refer to the LVDS SERDES Transmitter/Receiver
(ALTLVDS_TX amd ALTLVDS_RX) Megafunction User Guide and the Quartus II
Handbook.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com