Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C0 Datasheet(PDF) 154 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 154 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 150Page - Altera Corporation PLL2_C0 Datasheet HTML 151Page - Altera Corporation PLL2_C0 Datasheet HTML 152Page - Altera Corporation PLL2_C0 Datasheet HTML 153Page - Altera Corporation PLL2_C0 Datasheet HTML 154Page - Altera Corporation PLL2_C0 Datasheet HTML 155Page - Altera Corporation PLL2_C0 Datasheet HTML 156Page - Altera Corporation PLL2_C0 Datasheet HTML 157Page - Altera Corporation PLL2_C0 Datasheet HTML 158Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 274 page
background image
8–12
Chapter 8: External Memory Interfaces in the Cyclone III Device Family
Cyclone III Device Family Memory Interfaces Features
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
DDR Output Registers
A dedicated write DDIO block is implemented in the DDR output and output enable
paths. Figure 8–5 shows how Cyclone III device family dedicated write DDIO block is
implemented in the I/O element (IOE) registers.
The two DDR output registers are located in the I/O element (IOE) block. Two serial
data streams routed through datain_l and datain_h, are fed into two registers,
output register Ao
and output register Bo, respectively, on the same clock edge.
The output from output register Ao is captured on the falling edge of the clock, while
the output from output register Bo is captured on the rising edge of the clock. The
registered outputs are multiplexed by the common clock to drive the DDR output pin
at twice the data rate.
The DDR output enable path has a similar structure to the DDR output path in the
IOE block. The second output enable register provides the write preamble for the DQS
strobe in DDR external memory interfaces. This active-low output enable register
extends the high-impedance state of the pin by half a clock cycle to provide the
external memory’s DQS write preamble time specification.
Figure 8–5. Cyclone III Device Family Dedicated Write DDIO
IOE
Register
IOE
Register
Output Enable
-90° Shifted Clock
datain_l
Output Enable
Register A
OE
Output Enable
Register B
OE
data1
data0
IOE
Register
Output Register A
O
data0
data1
datain_h
IOE
Register
Output Register B
O
DDR Output Registers
DDR Output Enable Registers
DQ or DQS
®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com