Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C0 Datasheet(PDF) 170 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 170 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 166Page - Altera Corporation PLL2_C0 Datasheet HTML 167Page - Altera Corporation PLL2_C0 Datasheet HTML 168Page - Altera Corporation PLL2_C0 Datasheet HTML 169Page - Altera Corporation PLL2_C0 Datasheet HTML 170Page - Altera Corporation PLL2_C0 Datasheet HTML 171Page - Altera Corporation PLL2_C0 Datasheet HTML 172Page - Altera Corporation PLL2_C0 Datasheet HTML 173Page - Altera Corporation PLL2_C0 Datasheet HTML 174Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 274 page
background image
9–12
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Configuration Features
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
AS Configuration (Serial Configuration Devices)
In the AS configuration scheme, Cyclone III device family is configured using a serial
configuration device. These configuration devices are low-cost devices with
non-volatile memories that feature a simple four-pin interface and a small form factor.
These features make serial configuration devices the ideal low-cost configuration
solution.
f For more information about serial configuration devices, refer to the Serial
Configuration Devices (EPCS1, EPCS4, EPCS16, EPCS64, and EPCS128) Data Sheet
chapter in volume 2 of the Configuration Handbook.
In Cyclone III device family, the active master clock frequency runs at a maximum of
40 MHz, and typically at 30 MHz. Cyclone III device family only work with serial
configuration devices that support up to 40 MHz.
Serial configuration devices provide a serial interface to access configuration data.
During device configuration, Cyclone III device family reads configuration data using
the serial interface, decompress data if necessary, and configure their SRAM cells. This
scheme is referred to as the AS configuration scheme because the device controls the
configuration interface.
Active Parallel ×16 Fast (AP Fast POR, for
Cyclone III devices only)
0
1
1
0
1.8
Passive Serial Standard (PS Standard POR)
0
0
0
0
3.3/3.0/2.5
Passive Serial Fast (PS Fast POR)
1
1
0
0
3.3/3.0/2.5
Fast Passive Parallel Fast (FPP Fast POR) (4)
1
1
1
0
3.3/3.0/2.5
Fast Passive Parallel Fast (FPP Fast POR)
(for Cyclone III devices only) (4)
1
1
1
1
1.8/1.5
Fast Passive Parallel Fast (FPP Fast POR)
(for Cyclone III LS devices only)
0
0
0
1
1.8/1.5
Fast Passive Parallel Fast (FPP Fast POR)
with Encryption (for Cyclone III LS
devices only)
0
1
0
1
3.3/3.0/2.5
Fast Passive Parallel Fast (FPP Fast POR)
with Encryption (for Cyclone III LS
devices only)
0
1
1
0
1.8/1.5
JTAG-based configuration (5)
(6)
(6)
(6)
(6)
—
Notes to Table 9–7:
(1) Altera recommends connecting the MSEL pins to VCCA or GND depending on the MSEL pin settings.
(2) The configuration voltage standard is applied to the VCCIO supply of the bank in which the configuration pins reside.
(3) You must follow specific requirements when interfacing Cyclone III device family with 2.5-, 3.0-, and 3.3-V configuration voltage standards. For
more information about these requirements, refer to “Configuration and JTAG Pin I/O Requirements” on page 9–7.
(4) FPP configuration is not supported in the Cyclone III E144 device package of Cyclone III devices.
(5) The JTAG-based configuration takes precedence over other configuration schemes, which means the MSEL pin settings are ignored.
(6) Do not leave the MSEL pins floating. Connect them to VCCA or GND. These pins support the non-JTAG configuration scheme used in production.
Altera recommends connecting the MSEL pins to GND if your device is only using the JTAG configuration.
Table 9–7. Cyclone III Device Family Configuration Schemes (1) (Part 2 of 2)
Configuration Scheme
MSEL
Configuration Voltage Standard (V)
(2), (3)
32
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com