Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C0 Datasheet(PDF) 176 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 176 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 172Page - Altera Corporation PLL2_C0 Datasheet HTML 173Page - Altera Corporation PLL2_C0 Datasheet HTML 174Page - Altera Corporation PLL2_C0 Datasheet HTML 175Page - Altera Corporation PLL2_C0 Datasheet HTML 176Page - Altera Corporation PLL2_C0 Datasheet HTML 177Page - Altera Corporation PLL2_C0 Datasheet HTML 178Page - Altera Corporation PLL2_C0 Datasheet HTML 179Page - Altera Corporation PLL2_C0 Datasheet HTML 180Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 274 page
background image
9–18
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Configuration Features
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
1 You can still use this method if the master and slave devices use the same .sof.
Figure 9–5. Multi-Device AS Configuration where the Devices Receive the Same Data with Multiple SRAM Object Files
Notes to Figure 9–5:
(1) Connect the pull-up resistors to the VCCIO supply of the bank in which the pin resides.
(2) Connect the pull-up resistor to the VCCIO supply voltage of the I/O bank in which the nCE pin resides.
(3) The nCEO pin is left unconnected or used as a user I/O pin when it does not feed the nCE pin of another device.
(4) The MSEL pin settings vary for different configuration voltage standards and POR time. You must set the master device in AS mode and the slave
devices in PS mode. To connect MSEL[3..0] for the master device in AS mode and the slave devices in PS mode, refer to Table 9–7 on page 9–11.
Connect the MSEL pins directly to VCCA or GND.
(5) These are dual-purpose I/O pins. The nCSO pin functions as the FLASH_NCE pin in AP mode. The ASDO pin functions as the DATA[1] pin in other
AP and FPP modes.
(6) Connect the series resistor at the near end of the serial configuration device.
(7) Connect the repeater buffers between the master and slave devices for DATA[0] and DCLK. All I/O inputs must maintain a maximum AC voltage
of 4.1 V. The output resistance of the repeater buffers must fit the maximum overshoot equation outlined in “Configuration and JTAG Pin I/O
Requirements” on page 9–7.
(8) The 50-
 series resistors are optional if the 3.3-V configuration voltage standard is applied. For optimal signal integrity, connect these 50- series
resistors if the 2.5- or 3.0-V configuration voltage standard is applied.
nSTATUS
nCONFIG
CONF_DONE
nCE
DATA[0]
DCLK
nCEO
MSEL[3..0]
N.C. (3)
(4)
Slave Device of the Cyclone III Device Family
nSTATUS
nCONFIG
CONF_DONE
nCE
DATA[0]
DCLK
nCEO
MSEL[3..0]
N.C. (3)
(4)
VCCIO (1)
VCCIO (1)
nSTATUS
nCONFIG
CONF_DONE
nCE
DATA[0]
DCLK
nCEO
MSEL[3..0]
N.C. (3)
(4)
nSTATUS
nCONFIG
CONF_DONE
nCE
DATA[0]
DCLK
nCSO (5)
ASDO (5)
nCEO
MSEL[3..0]
(4)
DATA
DCLK
nCS
ASDI
Serial Configuration
Device
GND
VCCIO (1)
VCCIO (2)
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
(6)
25
Ω
(6),
50
Ω
(8)
Buffers (7)
(8)
50
Ω
Slave Device of the Cyclone III Device Family
Slave Device of the Cyclone III Device Family
Master Device of the
Cyclone III Device
Family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com