Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C0 Datasheet(PDF) 237 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 237 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 233Page - Altera Corporation PLL2_C0 Datasheet HTML 234Page - Altera Corporation PLL2_C0 Datasheet HTML 235Page - Altera Corporation PLL2_C0 Datasheet HTML 236Page - Altera Corporation PLL2_C0 Datasheet HTML 237Page - Altera Corporation PLL2_C0 Datasheet HTML 238Page - Altera Corporation PLL2_C0 Datasheet HTML 239Page - Altera Corporation PLL2_C0 Datasheet HTML 240Page - Altera Corporation PLL2_C0 Datasheet HTML 241Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 274 page
background image
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
9–79
Remote System Upgrade
August 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
The following actions cause the remote system upgrade status register to be written:
■ nSTATUS
driven low externally
■
Internal CRC error
■
User watchdog timer time-out
■
A configuration reset (logic array nCONFIG signal or external nCONFIG pin assertion)
Cyclone III device family automatically load the factory configuration located at
address boot_address[23:0] = 24'b0 for the AS configuration scheme, and default
address boot_address[23:0] = 24'h010000 (or the updated address if the default
address is changed) for the AP configuration scheme. This user-designed factory
configuration reads the remote system upgrade status register to determine the reason
for reconfiguration. Then the factory configuration takes the appropriate error
recovery steps and writes to the remote system upgrade control register to determine
the next application configuration to be loaded.
When Cyclone III device family successfully load the application configuration, the
devices enter user mode. In user mode, the soft logic (Nios II processor or state
machine and the remote communication interface) assists the Cyclone III device
family in determining when a remote system update is arriving. When a remote
system update arrives, the soft logic receives the incoming data, writes it to the
configuration memory device, and triggers the device to load the factory
configuration. The factory configuration reads the remote system upgrade status
register, determines the valid application configuration to load, writes the remote
system upgrade control register accordingly, and starts system reconfiguration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com