Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C0 Datasheet(PDF) 267 Page - Altera Corporation

Part # PLL2_C0
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C0 Datasheet(HTML) 267 Page - Altera Corporation

Back Button PLL2_C0 Datasheet HTML 263Page - Altera Corporation PLL2_C0 Datasheet HTML 264Page - Altera Corporation PLL2_C0 Datasheet HTML 265Page - Altera Corporation PLL2_C0 Datasheet HTML 266Page - Altera Corporation PLL2_C0 Datasheet HTML 267Page - Altera Corporation PLL2_C0 Datasheet HTML 268Page - Altera Corporation PLL2_C0 Datasheet HTML 269Page - Altera Corporation PLL2_C0 Datasheet HTML 270Page - Altera Corporation PLL2_C0 Datasheet HTML 271Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 274 page
background image
Chapter 12: IEEE 1149.1 (JTAG) Boundary-Scan Testing for the Cyclone III Device Family
12–3
IEEE Std. 1149.1 BST Operation Control
December 2011
Altera Corporation
Cyclone III Device Handbook
Volume 1
Cyclone III device family supports the IEEE Std. 1149.1 (JTAG) instructions as listed in
Table 12–3.
Table 12–3. IEEE Std. 1149.1 (JTAG) Instructions Supported by Cyclone III Device Family
(Part 1 of 2)
JTAG Instruction
Instruction Code
Description
SAMPLE/PRELOAD
00 0000 0101
Allows a snapshot of signals at the device pins to be captured and
examined during normal device operation, and permits an initial data
pattern to be output at the device pins. Also used by the SignalTap® II
embedded logic analyzer.
EXTEST (1)
00 0000 1111
Allows the external circuitry and board-level interconnects to be tested
by forcing a test pattern at the output pins and capturing test results at
the input pins.
BYPASS
11 1111 1111
Places the 1-bit bypass register between the TDI and TDO pins, which
allows the BST data to pass synchronously through selected devices to
adjacent devices during normal device operation.
USERCODE
00 0000 0111
Selects the 32-bit USERCODE register and places it between the TDI and
TDO
pins, allowing the USERCODE to be serially shifted out of TDO.
IDCODE
00 000 0110
Selects the IDCODE register and places it between TDI and TDO,
allowing the IDCODE to be serially shifted out of TDO. IDCODE is the
default instruction at power up and in TAP RESET state.
HIGHZ
00 0000 1011
Places the 1-bit bypass register between the TDI and TDO pins, which
allows the BST data to pass synchronously through selected devices to
adjacent devices during normal device operation, while tri-stating all of
the I/O pins.
CLAMP
00 0000 1010
Places the 1-bit bypass register between the TDI and TDO pins, which
allows the BST data to pass synchronously through selected devices to
adjacent devices during normal device operation while holding I/O pins
to a state defined by the data in the boundary scan register.
ICR Instructions
—
Used when configuring Cyclone III device family using the JTAG port
with a USB-Blaster™ ByteBlaster™ II, MasterBlaster™ or ByteBlasterMV™
download cable, or when using a Jam File, or JBC File via an embedded
processor.
PULSE_NCONFIG
00 0000 0001
Emulates pulsing the nCONFIG pin low to trigger reconfiguration even
though the physical pin is unaffected.
CONFIG_IO (2)
00 0000 1101
Allows I/O reconfiguration through JTAG ports using the IOCSR for
JTAG testing. This is executed after or during configurations. nSTATUS
pin must go high before you can issue the CONFIG_IO instruction.
EN_ACTIVE_CLK (2)
01 1110 1110
Allows CLKUSR pin signal to replace the internal oscillator as the
configuration clock source.
DIS_ACTIVE_CLK (2)
10 1110 1110
Allows you to revert the configuration clock source from CLKUSR pin
signal set by EN_ACTIVE_CLK back to the internal oscillator.
ACTIVE_DISENGAGE (2)
10 1101 0000
Places the active configuration mode controllers into idle state prior to
CONFIG_IO
to configure the IOCSR or perform board level testing.
ACTIVE_ENGAGE (2)
10 1011 0000
This instruction might be used in AS and AP configuration schemes to
re-engage the active controller.
APFC_BOOT_ADDR (2), (3)
10 0111 0000
Places the 22-bit active boot address register between the TDI and TDO
pins, allowing a new active boot address to be serially shifted into TDI
and into the active parallel (AP) flash controller. In remote system
upgrade, the PFC_BOOT_ADDR instruction sets the boot address for the
factory configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com