Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10 Datasheet(PDF) 111 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 111 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 107Page - Tyco Electronics ADE10 Datasheet HTML 108Page - Tyco Electronics ADE10 Datasheet HTML 109Page - Tyco Electronics ADE10 Datasheet HTML 110Page - Tyco Electronics ADE10 Datasheet HTML 111Page - Tyco Electronics ADE10 Datasheet HTML 112Page - Tyco Electronics ADE10 Datasheet HTML 113Page - Tyco Electronics ADE10 Datasheet HTML 114Page - Tyco Electronics ADE10 Datasheet HTML 115Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 326 page
background image
C35
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
C
Gemini Series
Toggle Switches, AE Series, Process Sealed, Part Number Matrix
M
Quick Connect
B Gold
Q Silver
G Gold over
Silver
W
V30
A
S
Bat. Long
Lever
Lever
Lever
Bat. Short
13
08
On-On
On-Off-On
(On)-Off-(On)
On-Off-(On)
On-(On)
On-On-On
On-On-(On)
(On)-On-(On)
See page C36 for SP3T wiring diagram.
03
05
07
01
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature............-4°F to + 185°F (-20°C to + 85°C)
Storage Temperature................-49°F to + 212°F (-45°C to + 100°C)
Solder Heat Resistance ............See page M3-4
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................Silver: 2 A @ 250 VAC or 5 A @ 125 VAC
Silver: 2 A @ 30 VDC
Gold: 0.4 VA @ 20 VAC/DC
Contact Resistance ..................30 Milliohms max. initial
Insulation Resistance ..............1,000 Megohms min. @ 500 VDC.
Dielectric Strength ..................1,000 Volts RMS @ sea level initial
Static Withstanding..................15 KV per IEC 801-2
Electrical Life ..........................Up to 30,000 Cycles
PART NUMBERING
U.L.
(Q or G
contact
only)
Model
Function
Toggle
Bushing
Terminal
Option
Contact
(TYPICAL DIMENSIONS)
“O-RING”
DESIGN
11
15
L
L1
AV2
C
Z3
Z
Wire Lug
D1
L2
N
Other Options
Black finish toggle, add “N” to end
of part number, but before U.L.
option.
.219
(5.56)
Epoxy Seal
.250
(6.35)
.600
(15.24)
.250
(6.35)
.030
(.762)
.060
(1.52)
.185
(4.70)
.050
(1.27)
Typ.
.190
(4.83)
3
2
1
6
5
4
25
°
.250
(6.35) Dia.
.450
(11.43)
.500
(12.70)
.219
(5.56)
Epoxy Seal
.250
(6.35)
.600
(15.24)
.250
(6.35)
.030
(.762)
.185
(4.70)
Typ.
.050
(1.27)
3
2
1
25
°
.250
(6.35)
.260
(6.60)
.500
(12.70)
SINGLE POLE
DOUBLE POLE
Unthreaded
Application Note: For surface mount termination, use the “TST” series, Page C5
Double Pole
case only
AE1 Single Pole
AE2 Double Pole
Right Angle
Vertical
Right Angle
Printed Circuit
Vertical
Support Bracket
Wire Wrap
"AE" SERIES DESIGN FEATURES
• MIL-STD-202 Method 112C Leak Test
• Toggle – Machined brass, heavy nickel plated.
• Bushing & Cover - Nylon, ultrasonically welded to case, with integral
“O-ring”, UL94VO.
• Fixed Contact – Welded construction.
• Terminal Seal – Epoxy sealing of terminals is standard.
• Termination – Precious metal (gold or silver)/brass or copper strip with
welded contact area.
MATERIAL SPECIFICATIONS:
Process Sealing ........................“O-ring” seals will withstand wave
soldering and various subsequent cleaning
operations. Meets MIL-STD-202, Method
112C, Test Condition A & D, 85ºC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com