Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10 Datasheet(PDF) 113 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 113 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 109Page - Tyco Electronics ADE10 Datasheet HTML 110Page - Tyco Electronics ADE10 Datasheet HTML 111Page - Tyco Electronics ADE10 Datasheet HTML 112Page - Tyco Electronics ADE10 Datasheet HTML 113Page - Tyco Electronics ADE10 Datasheet HTML 114Page - Tyco Electronics ADE10 Datasheet HTML 115Page - Tyco Electronics ADE10 Datasheet HTML 116Page - Tyco Electronics ADE10 Datasheet HTML 117Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 326 page
background image
D23
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
D
MPE Series
Pushbutton Switches, Splashproof, Panel Mount, Wire Lug, 6 Amp
MATERIAL SPECIFICATIONS:
Contacts ....................................Silver clad copper with gold flash
Case Material............................Thermoset
Actuator Material ....................Nickel plated copper alloy
Terminals..................................Copper with gold flash
Terminal Seal ..........................Molded in
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature ............-4°F to +176°F (-20°C to +80°C)
Storage Temperature ................-40°F to +176°F (-40°C to +80°C)
Note: Hardware included with switches
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating..........................6 A @ 125 VAC, 3 A @ 250 VAC
Initial Contact Resistance ........10 Milliohms max.
Contact Timing ........................Break-before-make
Insulation Resistance................1,000 Megohms min.
Dielectric Strength....................1,500 Volts RMS @ sea level
Actuation Force ........................1.3 to 2.7 lbs.
Actuator Travel .........................140" (3.56)
Life Expectancy........................Up to 50,000 Actuations
SPDT
MPE106D
Notice: O-ring on shoulder and inside moveable shaft
provides splashproof seal. Meets IP65
.470
(11.94)
DIA.
.232
(5.89)
.236
(5.99)
.020 Dp. x .040 W
(0.50 Dp. x 1.00 W)
KEYWAY
.253
(6.42)
.250
(6.35)
DIA.
.230
(5.90)
ACROSS
FLAT
.780
(19.81)
.157
(3.99)
.170
(4.30)
TYP.
.040 x .080
(1.00 x .200)
OBLONG HOLE
.320
(8.12)
.280
(7.11)
.160
(4.06)
.390
(9.90)
.031
(0.78)
1/4-40 UNS-2A
DIA.
.701
(17.81)
.190
(4.82)
TYP.
.512
(13.0)
.470
(11.94)
DIA.
.232
(5.89)
.236
(5.99)
.020 Dp. x .040 W
(0.50 Dp. x 1.00 W)
KEYWAY
.253
(6.42)
.250
(6.35)
DIA.
.228
(5.79)
ACROSS
FLAT
.690
(17.53)
.157
(3.99)
.170
(4.31)
TYP.
.040 x .080
(1.00 x .200)
OBLONG HOLE
.320
(8.12)
.280
(7.11)
.160
(4.06)
.390
(9.90)
.031
(0.78)
DIA.
.512
(13.0)
.190
(4.82)
TYP.
.512
(13.0)
1/4-40 UNS-2A
.470
(11.94)
DIA.
.232
(5.89)
.236
(5.99)
.020 Dp. x .040 W
(0.50 Dp. x 1.00 W)
KEYWAY
.253
(6.42)
.250
(6.35)
DIA.
.228
(5.79)
ACROSS
FLAT
.690
(17.53)
.157
(3.99)
.170
(4.31)
TYP.
.040 x .080
(1.00 x .200)
OBLONG HOLE
.320
(8.12)
.280
(7.11)
.160
(4.06)
.390
(9.90)
.031
(0.78)
DIA.
1/4-40 UNS-2A
.320
(8.12)
.512
(13.0)
.090
(2.28)
TYP.
.780
(19.81)
.470
(11.9)
DIA.
.232
(5.89)
.236
(5.99)
.889
(22.58)
.190
(4.82)
TYP.
.512
(13.0)
.157
(3.99)
.170
(4.30)
TYP.
.040 x .080
(1.00 x .200)
OBLONG HOLE
1/4-40 UNS-2A
.320
(8.12)
.280
(7.11)
.160
(4.06)
.390
(9.90)
.031
(0.78)
.020 Dp. x .040 W
(0.50 Dp. x 1.00 W)
KEYWAY
.253
(6.42)
.250
(6.35)
DIA.
DIA.
.230
(5.90)
ACROSS
FLAT
4PDT
MPE406N
3PDT
MPE306F
DPDT
MPE206N
Cap not supplied, order separately (See Cap Model C22 and C23 on page D32.)
Cap not supplied, order separately (See Cap Model C22 and C23 on page D32.)
Cap not supplied, order separately (See Cap Model C22 and C23 on page D32.)
Cap not supplied, order separately (See Cap Model C22 and C23 on page D32.)
Part Number
Act. Code
Tyco Electronics
Alcoswitch
Type
P. M6
Action
4-1437567-2
MPE106D
SPDT
23
Push on/Push off
4-1437567-3
MPE106F
SPDT
19
Momentary
Part Number
Act. Code
Tyco Electronics
Alcoswitch
Type
P. M6
Action
4-1437567-4
MPE206N
DPDT
24
Push on/Push off
4-1437567-5
MPE206R
DPDT
20
Momentary
Part Number
Act. Code
Tyco Electronics
Alcoswitch
Type
P. M6
Action
MPE306D
3PDT
25
Push on/Push off
4-1437567-6
MPE306F
3PDT
21
Momentary
Part Number
Act. Code
Tyco Electronics
Alcoswitch
Type
P. M6
Action
4-1437567-7
MPE406N
4PDT
26
Push on/Push off
4-1437567-8
MPE406R
4PDT
22
Momentary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com