Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10 Datasheet(PDF) 130 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 130 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 126Page - Tyco Electronics ADE10 Datasheet HTML 127Page - Tyco Electronics ADE10 Datasheet HTML 128Page - Tyco Electronics ADE10 Datasheet HTML 129Page - Tyco Electronics ADE10 Datasheet HTML 130Page - Tyco Electronics ADE10 Datasheet HTML 131Page - Tyco Electronics ADE10 Datasheet HTML 132Page - Tyco Electronics ADE10 Datasheet HTML 133Page - Tyco Electronics ADE10 Datasheet HTML 134Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 326 page
background image
TP Series
D6
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
D
Pushbutton Switches, Tiny, Part Number Matrix
PROCESS SEAL
VERSION NOT
PROCESS SEAL
VERSION AVAILABLE
F = Flush Actuator*
G = Gold
None = Silver**
Blank=Wire lug
PC=Printed Circuit
RA=Right Angle***
VRA=Vertical Right Angle****
0=Black
2=Red
Blank= Sq. No Bushing
A=Rnd. No Bushing
B=Rnd., .188" Bushing Dia.
Unthreaded
C=Rnd., 10/48 Bushing Dia.
D=Rnd., .250" Bushing Dia.
Unthreaded
F=Rnd., 1/4-40 Bushing Dia.
SP DP
C
M
S.T. Momentary
F
R
D.T. Momentary
*
Available with “B” and "C" bushing only
**
Silver - available only in wire lug and PC termination
***
Right angle, ES available with “B” and "C" bushing only
****
Available only in single pole
ES switches provided with disposable boot
used only during cleaning operation.
TP Series Life Expectancy Chart
Pushbuttons
1 Pole
2 Pole
0.4 (Gold Plate)
100,000
80,000
1A (Silver Plate)
60,000
50,000
PART NUMBERING MATRIX
Process
Button
Model
Bushing
Actuator
Poles
Rating
Function
Plating
Terminations
Seal
Colors
TP
1 = Single
2 = Double
1 = Gold
0.4 VA
3 = Silver**
1 Amp
ES = Process Sealed***
Process Seal:
Disposable boot,
epoxied double
case
MATERIAL SPECIFICATIONS:
Contacts ......................................Gold - gold plate, silver - silver plate
Case Material..............................High temperature polyester
Actuator Material........................Polyamide
Terminals/Fixed Contacts ..........Tin lead plate
Terminal Seal..............................SP epoxy, DP epoxy optional
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature ..............-22°F to +149°F (-30°C to +65°C)
Storage Temperature ..................-22°F to +149°F (-30°C to +65°C)
Solder Heat Resistance ..............See page M3-4
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ............................Gold: 0.4 VA Max. @ 20 VDC or peak AC
Silver: 1A @ 125 VAC or 28 VDC resistive
Initial Contact Resistance ..........20 Milliohms max.
Contact Timing ..........................Break-before-make
Insulation Resistance ..................1,000 Megohms @ 500VDC min.
Dielectric Strength......................1,000 Volts @ sea level
Actuation Force ..........................50 to 400 Grams
Plunger/Actuator Travel .............030" (.762)
Life Expectancy..........................See below
Note: Hardware included with switches
TP
TPA
TPB
TPC
TPD
TPF
SERIES (TP)
Application Note:
For 3 pole and 4 pole, refer to pages D22 and D24 . . . “MP Series”
For Surface Mount termination, refer to pages D3-D5 . . . “TSP Series”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com