Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10 Datasheet(PDF) 133 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 133 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 129Page - Tyco Electronics ADE10 Datasheet HTML 130Page - Tyco Electronics ADE10 Datasheet HTML 131Page - Tyco Electronics ADE10 Datasheet HTML 132Page - Tyco Electronics ADE10 Datasheet HTML 133Page - Tyco Electronics ADE10 Datasheet HTML 134Page - Tyco Electronics ADE10 Datasheet HTML 135Page - Tyco Electronics ADE10 Datasheet HTML 136Page - Tyco Electronics ADE10 Datasheet HTML 137Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 326 page
background image
TPB/TPC Series
D9
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
D
Pushbutton Switches, Tiny, Straight or Right Angle, Unthreaded or 10-48 Bushing
.200
(5.08)
.043
(1.09)
TYP. DIA.
.100
(2.54)
.172
(4.37)
TO FLAT
.186
(4.72)
DIA.
.236
(5.99)
DIA.
.100
(2.54)
DIA.
.137
(3.48)
.216
(5.47)
10-48 UNS-2A
.172
(4.37)
TO FLAT
3
2
1
4
5
6
.360
(9.14)
.030
(0.76)
TYP.
.320
(8.13)
.340
(8.64)
.130
(3.30)
.020
(0.51)
TYP.
.216
(5.49)
.137
(3.48)
.100
(2.54)
DIA.
Model
Type
Act. Code P. M6
Action
Bushing Dia.
Contact Type
TPB21MGPC(*)
DPST
M
N.O. Momentary
.188
Gold
TPB21RGPC(*)
DPDT
R
Momentary
.188
Gold
TPC21MGPC(*)
DPST
M
N.O. Momentary
10-48
Gold
TPC21RGPC(*)
DPDT
R
Momentary
10-48
Gold
(*) Specify button color by adding suffix number: (0) Black, (2) Red.
Note: No center terminal on “M” action switch.
DPST/DPDT
TPB21MGPC
TPC21RGPC
DPST/DPDT
Model
Type
Act. Code. P. M6
Action
Bushing Dia.
Contact Type
TPB21MGRA(*)
DPST
M
N.O. Momentary
.188
Gold
TPB21RGRA(*)
DPDT
R
Momentary
.188
Gold
TPC21MGRA(*)
DPST
M
N.O. Momentary
10-48
Gold
TPC21RGRA(*)
DPDT
R
Momentary
10-48
Gold
(*) Specify button color by adding suffix number: (0) Black, (2) Red.
Note: No center terminal on“M” action switch.
.320
(8.13)
.360
(9.14)
.020
(0.51)
TYP.
2
1
3
.200
(5.08)
.043
(1.09)
TYP. DIA.
.100
(2.54)
.100
(2.54)
.172
(4.47)
TO FLAT
.186
(4.72)
DIA.
.236
(5.99)
DIA.
.172
(4.37)
TO FLAT
.100
(2.54)
DIA.
.382
(9.70)
.130
(3.30)
.340
(8.64)
.220
(5.59)
.030
(0.76)
TYP.
.140
(3.56)
.137
(3.48)
.130
(3.30)
.100
(2.54)
DIA.
.137
(3.48)
.220
(5.59)
10-48 UNS-2A
TPC21MGRA
SEE PAGE D6 FOR PRODUCT SPECIFICATIONS
TPB SERIES
TPC SERIES
TPB SERIES
TPC SERIES
®
1 & 2 POLE
TPC23M
TPC13C
Model
Type
Act. Code P. M6
Action
Contact Type
TPC13C(*)
SPST
C
N.O. Momentary
Silver
TPC13F(*)
SPDT
F
Momentary
Silver
TPC23M(*) DPST
M
N.O. Momentary
Silver
TPC23R(*)
DPDT
R
Momentary
Silver
(*) Specify button color by adding suffix number: (0) Black, (2) Red.
Note: No center terminal on "C" or "M" action switches.
3
2
1
3
2
1
6
5
4
.172
(4.37)
TO FLAT
.206
(5.23)
.078
(2.00)
.160
(4.06)
.360
(9.14)
.194
(4.93)
.190
(4.83)
DIA.
.176
(4.47)
.320
(8.13)
.280
(7.11)
DIA.
.100
(2.54)
DIA.
.137
(3.48)
.216
(5.49)
.340
(8.64)
.110
(2.79)
.020
(0.51)
TYP.
.040 W. x .080 L.
(1.00 W. x 2.00 L.)
OBLONG HOLE
.100
(2.54)
TYP.
10-48 UNS-2B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com