Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10 Datasheet(PDF) 135 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 135 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 131Page - Tyco Electronics ADE10 Datasheet HTML 132Page - Tyco Electronics ADE10 Datasheet HTML 133Page - Tyco Electronics ADE10 Datasheet HTML 134Page - Tyco Electronics ADE10 Datasheet HTML 135Page - Tyco Electronics ADE10 Datasheet HTML 136Page - Tyco Electronics ADE10 Datasheet HTML 137Page - Tyco Electronics ADE10 Datasheet HTML 138Page - Tyco Electronics ADE10 Datasheet HTML 139Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 326 page
background image
TP Series
D11
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
D
Pushbutton Switches, Tiny, Vertical Right Angle, Unthreaded or 10-48 Bushing
1 & 2 POLE
Model
Type
Act. Code P. M6
Action
Contact Type
TPF13C(*)
SPST
C
N.O. Momentary
Silver
TPF13F(*)
SPDT
F
Momentary
Silver
TPF23M(*) DPST
M
N.O. Momentary
Silver
TPF23R(*)
DPDT
R
Momentary
Silver
(*) Specify button color by adding suffix number: (0) Black, (2) Red.
Note: No center terminal on "C" or "M" action switches.
3
2
1
.210
(5.30)
.080
(2.00)
.320
(8.10)
.281
(7.14)
DIA.
3
2
1
6
5
4
.160
(4.10)
.360
(9.10)
.253
(6.45)
.190
(6.35)
DIA.
.035
(0.89)
.030
(0.76)
.230
(.584)
.227
(5.77)
.020
(0.51)
TYP
.110
(2.80)
.100
(2.50)
TYP
1/4-40
.040 W. x .080 L.
(1.00 W. x 2.00 L.)
OBLONG HOLE
.340
(8.60)
.310
(7.90)
.160
(4.06)
.132
(3.35)
.020 Dp. x .040 W.
(0.51 Dp x 1.02 W.)
.226
(5.74)
TO FLAT
TPF23M
TPF13C
.043
(1.09)
DIA. TYP.
.200
(5.08)
TYP.
.100
(2.54)
TYP.
.207
(5.26)
.172
(4.37)
TO FLAT
.507
(12.87)
.210
(5.33)
.172
(4.37)
TO FLAT
TPB
TPC
.356
(9.04)
.216
(5.49)
.137
(3.48)
.020
(0.51)
TYP.
.020
(0.51)
.100
(2.54)
.220
(5.59)
.206
(5.23)
.030
(0.76)
TYP.
.236
(5.99)
DIA.
.320
(8.13)
10-48
UNS-2A
.137
(3.48)
.186
(4.72)
DIA.
TPB11FGVRA
Model
Type
Act. Code P. M6
Action
Contact Type
TPB11CGVRA(*)
SPST
C
N.O. Momentary
Gold
TPB11FGVRA(*)
SPDT
F
Momentary
Gold
TPC11CGVRA(*)
SPST
C
N.O. Momentary
Gold
TPC11FGVRA(*)
SPDT
F
Momentary
Gold
(*) Specify button color by adding suffix number: (0) Black, (2) Red.
Note: No center terminal on "C" action switches.
.200
(5.08)
.043
(1.092)
.100
(2.54)
SPST/SPDT
TPD11CGPC
Model
Type Act. Code P. M6
Action
Bushing Dia.
Contact Type
TPD11CGPC(*)
SPST
C
N.O. Momentary
.250
Gold
TPD11FGPC(*)
SPDT
F
Momentary
.250
Gold
TPF11CGPC(*)
SPST
C
N.O. Momentary
1/4-40
Gold
TPF11FGPC(*)
SPDT
F
Momentary
1/4-40
Gold
(*) Specify button color by adding suffix number: (0) Black, (2) Red.
NOTE: No center terminal on “C” action swtch.
.226
(5.74)
TO FLAT
.158
(4.01)
.132
(3.35)
DIA.
.311
(7.90)
.340
(8.60)
.130
(3.30)
.030
(0.76)
.320
(8.13)
.281
(7.14)
DIA.
.206
(5.23)
1
2
3
.100
(2.54)
TYP.
.020
(0.51)
TYP.
1/4-40
UNS-2A
.020 Dp. X .040 W.
(0.51 Dp. X (1.00) W.)
KEYWAY
.100
(2.54)
.043
(1.09)
DIA. T.
.245
(6.22)
DIA.
.226
(5.74)
TO FLAT
.158
(4.01)
.310
(7.87)
.340
(8.64)
.130
(3.30)
.100
(2.54)
TYP.
.020
(0.51)
TYP.
.132
(3.35)
DIA.
.200
(5.08)
TPD SERIES
TPF SERIES
Pushbutton Switches, Tiny, Vertical, Unthreaded or 1/4-40 Bushing
TPB SERIES
TPC SERIES
SEE PAGE D6 FOR PRODUCT SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com