Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10 Datasheet(PDF) 156 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 156 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 152Page - Tyco Electronics ADE10 Datasheet HTML 153Page - Tyco Electronics ADE10 Datasheet HTML 154Page - Tyco Electronics ADE10 Datasheet HTML 155Page - Tyco Electronics ADE10 Datasheet HTML 156Page - Tyco Electronics ADE10 Datasheet HTML 157Page - Tyco Electronics ADE10 Datasheet HTML 158Page - Tyco Electronics ADE10 Datasheet HTML 159Page - Tyco Electronics ADE10 Datasheet HTML 160Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 326 page
background image
E11
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
E
FSMCT Series
Low Profile Series FSMCT Tactile Switches, .196 [5.0] x .196 [5.0],
Surface Mount
MATERIAL SPECIFICATIONS:
Cover ............................................Nickel Silver
Stem/Actuator ..............................Brass-”J” Lead
Brass nickel plate-gullwing
Contacts:
Moving ..................................Stainless Steel, Silver Clad-Plate
Fixed/Terminal ......................Copper Alloy, Silver-Plate
Case ..............................................Nylon, UL94V-0
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature ................-4 to +185°F (-20 to +85°C)
Storage Temperature ....................-22 to +185°F (-30 to +85°C)
Resistance to solder heat ..............Per EIA-364-56A, Procedure 4 & 5,
Level 3
Solderability ................................Per EIA-364-52, Class 2, Category 1,
Temp. 473°F (245°C) max., Time 2.5
seconds max., 95% minimum coverage.
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................20mA @ 15VDC
Initial Contact Resistance ........100MilliOhms Max
Insulation Resistance ..............100Megaohms @ 100VDC Min.
Dielectric Strength ..................500 VAC for 1 minute
Actuation Travel ......................0.25 +0.1/-0.2
Life Expectancy ......................Up to 500,000 and 1,000,000 Cycles
Tyco
Alcoswitch
Type
Force
Life
Electronics
Cycle
8-1437565-0
FSMCTTR
SPST
160±50
1,000,000
8-1437565-1
FSMCTATR
SPST
260±50
500,000
.079
(2.00)
.031
(0.80)
.047
(1.20)
.059
(1.50)
.220
(5.60)
.205
(5.20)
.205
(5.20)
.020
(0.50)
.252
(6.40)
.146
(3.70)
.315
(8.00)
.189
(4.80)
.102
(2.60)
.173
(4.40)
“J” lead option in development. Contact factory for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com