Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10 Datasheet(PDF) 158 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 158 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 154Page - Tyco Electronics ADE10 Datasheet HTML 155Page - Tyco Electronics ADE10 Datasheet HTML 156Page - Tyco Electronics ADE10 Datasheet HTML 157Page - Tyco Electronics ADE10 Datasheet HTML 158Page - Tyco Electronics ADE10 Datasheet HTML 159Page - Tyco Electronics ADE10 Datasheet HTML 160Page - Tyco Electronics ADE10 Datasheet HTML 161Page - Tyco Electronics ADE10 Datasheet HTML 162Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 326 page
background image
Extended Life Series
Low Profile, 6 x 6 SMT, Gull Wing, Extended Life
E13
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
E
MATERIAL SPECIFICATIONS:
Cover ............................................Copper Alloy, Tin Lead Plate
Stem/Actuator ..............................Nylon UL94V-0
Contacts:
Moving ..................................Stainless Steel, Silver Clad-Plate
Fixed/Terminal ......................Copper Alloy, Silver-Plate
Case ..............................................Thermoplastic, UL94V-0, Black
Tape ..............................................Teflon
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature ................-4 to +185°F (-20 to +85°C)
Storage Temperature ....................-22 to +185°F (-30 to +85°C)
Resistance to solder heat ..............Per EIA-364-56A, Procedure 4 & 5,
Level 3
Solderability ................................Per EIA-364-52, Class 2, Category 1,
Temp 473°F (245°C) max., time 2.5
seconds max., 95% minimum coverage.
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................50mA @ 12 V DC
Initial Contact Resistance ........100MilliOhms Max
Insulation Resistance ..............100Megaohms @ 100VDC Min.
Dielectric Strength ..................500 VAC for 1 minute
Actuation Travel ......................0.010 +/-.004 (.25 +/-.10)
Tyco
Dim L
Force
Life
Packaging
Electronics
1571626-1
.098 (2.5)
50gf
1,000,000
Bulk
1571626-2
.098 (2.5)
50gf
1,000,000
T&R
1571626-3
.098 (2.5)
100gf
1,000,000
Bulk
1571626-4
.098 (2.5)
100gf
1,000,000
T&R
1571626-5
.098 (2.5)
160gf
1,000,000
Bulk
1571626-6
.098 (2.5)
160gf
1,000,000
T&R
1571626-7
.079 (2.0)
160gf
1,000,000
Bulk
1571626-8
.079 (2.0)
160gf
1,000,000
T&R
1571626-9
.098 (2.5)
260gf
100,000
Bulk
1-1571626-0
.098 (2.5)
260gf
100,000
T&R
.244
(6.2)
.079
(2.0)
L
.276
(7.0)
.323
(8.2)
.331
(8.4)
.177
(4.5)
.177
(4.5)
.244
(6.2)
4-
.028
(0.7)
.118
Dia.
(3.0)
PCB Mounting Solder Land Dimension
Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com