Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10 Datasheet(PDF) 209 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 209 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 205Page - Tyco Electronics ADE10 Datasheet HTML 206Page - Tyco Electronics ADE10 Datasheet HTML 207Page - Tyco Electronics ADE10 Datasheet HTML 208Page - Tyco Electronics ADE10 Datasheet HTML 209Page - Tyco Electronics ADE10 Datasheet HTML 210Page - Tyco Electronics ADE10 Datasheet HTML 211Page - Tyco Electronics ADE10 Datasheet HTML 212Page - Tyco Electronics ADE10 Datasheet HTML 213Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 326 page
background image
G10
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
G
Switch
Common to:
Position
1
2
48 16
0
1
•
2
•
3
••
4
•
5
••
6
• •
7
• ••
8
•
9
••
10
••
11
• •
•
12
••
13
•• •
14
•••
15
• • • •
16
•
17
••
18
••
19
• •
•
20
•
•
21
••
•
22
• •
•
23
•••
•
AG
41582E.p38 il A
AMP
3/8/91
C 16
24
18
3100 Series
Rotary Switches, PC Mount, 10, 12 or 16 Position
CODING
10-Position
36° Throw
BCD
Part No. 435984-1 (Shown)
Part No. 435984-7 (Right Angle)
10-Position
36° Throw
BCD Complement
Part No. 436022-1
16-Position
221⁄2° Throw
HEX Complement
Part No. 435987-1
24-Position
15° Throw BCD
Part No. 436028-1
12-Position
30° Throw
BCD Complement
Part No. 436024-1
12-Position
30° Throw
BCD
Part No. 436037-1
Switch
Common to:
Position
1
24
8
0
1
•
2
•
3
••
4
•
5
••
6
••
7
•••
8
•
9
••
16-Position
221⁄2° Throw
Hexadecimal
Part No. 435986-1
Switch
Common to:
Position
12
48
0
• •••
1
•••
2
•• •
3
••
4
••
•
5
•
•
6
••
7
•
8
•••
9
••
Switch
Common to:
Position
1
2
4
8
0
• •••
1
•••
2
•• •
3
••
4
••
•
5
•
•
6
•
•
7
•
8
•••
9
• •
10
••
11
•
12
••
13
•
14
•
15
Switch
Common to:
Position
1
2
4
8
0
• •••
1
•••
2
•• •
3
••
4
••
•
5
•
•
6
•
•
7
•
8
•••
9
• •
10
••
11
•
Switch
Common to:
Position
1
24
8
0
1
•
2
•
3
••
4
•
5
••
6
••
7
•••
8
•
9
•
•
10
••
11
••
•
Switch
Common to:
Position
12
48
0
1
•
2
•
3
••
4
•
5
••
6
••
7
• ••
8
•
9
••
10
••
11
••
•
12
••
13
•• •
14
• ••
15
••••
2
8
1
2
C
1
2
2
C
C
4
C
8
1
8
C
4
C
4
1
8
4
2
1
8
4
8
2
4
1
436037-1
435486-1
436022-1
436024-1
435987-1
Part No.
435984-1,-7
AG 41582E.p35 il
3/11/91
AMP
Part No.
21C
84
435984-1,7
8241C
436037-1
12C
84
435986-1
2C
184
436022-1
C
4812
436024-1
824C
1
435987-1
Note: See Section K for knob selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com