Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10 Datasheet(PDF) 210 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 210 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 206Page - Tyco Electronics ADE10 Datasheet HTML 207Page - Tyco Electronics ADE10 Datasheet HTML 208Page - Tyco Electronics ADE10 Datasheet HTML 209Page - Tyco Electronics ADE10 Datasheet HTML 210Page - Tyco Electronics ADE10 Datasheet HTML 211Page - Tyco Electronics ADE10 Datasheet HTML 212Page - Tyco Electronics ADE10 Datasheet HTML 213Page - Tyco Electronics ADE10 Datasheet HTML 214Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 326 page
background image
G11
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
G
3100 Series
Rotary Switches, PC Mount, 32 Position
Panel Cutout
32-POSITION
111⁄4° THROW BCD
PART NO. 436287-1
Switch
Common to:
Position
1
24
8 16
0
1
•
2
•
3
••
4
•
5
••
6
••
7
•••
8
•
9
••
10
•
•
11
••
•
12
••
13
•
• •
14
•••
15
••••
16
•
17
••
18
••
19
• ••
20
•
•
21
•
•
•
22
• •
•
23
• ••
•
24
••
25
•• •
26
•• •
27
••
• •
28
• • •
29
•• • •
30
••••
31
•••• •
1.125
[28.58]
1.200
[30.48]
2
C
16
4
1
8
AG
41582E.p37 il A
AMP
3/8/91
1.000
[25.4]
.472
[11.99]
.250
[6.35]
.500
[12.70]
.030
[0.76]
.206
[5.23]
Mounting Surface
AG 41582E
AMP
41582E.p37 il B
3/11/91
Dia.
AG 41582E.p37il C
AMP
3/8/91
.377 to .382
[9.58 to 9.70]
Shaft Hole
Dia.
.095 to .105
[2.41 to 2.67]
Post Hole
Dia.
.765
[19.43]
Min.
1.220
[30.99]
Min.
.500
[12.70]
Spacing between switches
Note: See Section K for knob selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com